Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCLV165BMPWREP Arkusz danych(PDF) 12 Page - Texas Instruments

Numer części PCLV165BMPWREP
Szczegółowy opis  SN74LV165B-EP Enhanced Product, 2-V to 5.5-V, Low-Noise, Parallel-Load 8-Bit Shift Registers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PCLV165BMPWREP Arkusz danych(HTML) 12 Page - Texas Instruments

Back Button PCLV165BMPWREP Datasheet HTML 8Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 9Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 10Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 11Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 12Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 13Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 14Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 15Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
8.3.3 Partial Power Down (Ioff)
This device includes circuitry to disable all outputs when the supply pin is held at 0 V. When disabled, the
outputs will neither source nor sink current, regardless of the input voltages applied. The amount of leakage
current at each output is defined by the Ioff specification in the Electrical Characteristics table.
8.3.4 Clamp Diode Structure
Figure 8-1 shows the inputs and outputs to this device have negative clamping diodes only.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can cause damage
to the device. The input and output voltage ratings may be exceeded if the input and output clamp-
current ratings are observed.
GND
Logic
Input
Output
VCC
Device
-IIK
-IOK
Figure 8-1. Electrical Placement of Clamping Diodes for Each Input and Output
8.4 Device Functional Modes
Table 8-1 and Table 8-2 list the functional modes of the SN74LV165B-EP.
Table 8-1. Operating Mode Table
INPUTS(1)
FUNCTION
SH/LD
CLK
CLK INH
L
X
X
Parallel load
H
H
X
No change
H
X
H
No change
H
L
↑
Shift(2)
H
↑
L
Shift(2)
(1)
H = High Voltage Level, L = Low Voltage Level, X = Do Not
Care, ↑ = Low to High transition
(2)
Shift: content of each internal register shifts towards serial
output QH. Data at SER is shifted into the first register.
Table 8-2. Output Function Table
INTERNAL REGISTERS(1) (2)
OUTPUTS(2)
A — G
H
Q
Q
X
L
L
H
X
H
H
L
(1)
Internal registers refer to the shift registers inside the device.
These values are set by either loading data from the parallel
inputs, or by clocking data in from the serial input.
(2)
H = High Voltage Level, L = Low Voltage Level, X = Do Not Care
SN74LV165B-EP
SCES954A – JANUARY 2023 – REVISED AUGUST 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN74LV165B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com