Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCLV165BMPWREP Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części PCLV165BMPWREP
Szczegółowy opis  SN74LV165B-EP Enhanced Product, 2-V to 5.5-V, Low-Noise, Parallel-Load 8-Bit Shift Registers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PCLV165BMPWREP Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button PCLV165BMPWREP Datasheet HTML 7Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 8Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 9Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 10Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 11Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 12Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 13Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 14Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
8 Detailed Description
8.1 Overview
The SN74LV165B-EP device is a parallel-load, 8-bit shift registers designed for 2 V to 5.5 V VCC operation.
When the device is clocked, data is shifted toward the serial output QH. Parallel-in access to each stage is
provided by eight individual direct data inputs that are enabled by a low level at the shift/load (SH/ LD) input. The
SN74LV165B-EP features a clock-inhibit function and a complemented serial output, Q H.
Clocking is accomplished by a low-to-high transition of the clock (CLK) input while SH/ LD is held high and clock
inhibit (CLK INH) is held low. The functions of CLK and CLK INH are interchangeable. Since a low CLK and a
low-to-high transition of CLK INH accomplishes clocking, CLK INH must be changed to the high level only while
CLK is high. Parallel loading is inhibited when SH/ LD is held high. The parallel inputs to the register are enabled
while SH/ LD is held low, independently of the levels of CLK, CLK INH, or SER.
SN74LV165B-EP is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the devices when they are powered down.
8.2 Functional Block Diagram
SH/LD
SER
CLK INH
CLK
A
D
S
R
Q
B
D
S
R
Q
5 Additional
Shift Register
Stages
C
D
E
F
G
H
D
S
R
Q
Q
QH
QH
8.3 Feature Description
8.3.1 Balanced CMOS Push-Pull Outputs
This device includes balanced CMOS push-pull outputs. The term balanced indicates that the device can sink
and source similar currents. The drive capability of this device may create fast edges into light loads, so routing
and load conditions should be considered to prevent ringing. Additionally, the outputs of this device are capable
of driving larger currents than the device can sustain without being damaged. It is important for the output power
of the device to be limited to avoid damage due to overcurrent. The electrical and thermal limits defined in the
Absolute Maximum Ratings must be followed at all times.
Unused push-pull CMOS outputs should be left disconnected.
8.3.2 Latching Logic
This device includes latching logic circuitry. Latching circuits commonly include D-type latches and D-type
flip-flops, but include all logic circuits that act as volatile memory.
When the device is powered on, the state of each latch is unknown. There is no default state for each latch at
start-up.
The output state of each latching logic circuit only remains stable as long as power is applied to the device within
the supply voltage range specified in the Recommended Operating Conditions table.
www.ti.com
SN74LV165B-EP
SCES954A – JANUARY 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN74LV165B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com