| Zakładka z wyszukiwarką danych komponentów |
|
WM8734 Arkusz danych(PDF) 35 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8734 Arkusz danych(HTML) 35 Page - Wolfson Microelectronics plc |
|
35 / 46 page ![]() WM8734 Production Data w PD Rev 4.1 November 2006 35 DESCRIPTION 0 1 1 1 1 STANDBY Table 19 Standby Mode In STANDBY mode the Control Interface, a small portion of the digital and areas of the analogue circuitry remain active. The active analogue includes the analogue VMID reference so that the analogue line inputs, line outputs and headphone outputs remain biased to VMID. This reduces any audible effects caused by DC glitches when entering or leaving STANDBY mode. The device can be powered off by writing to the POWEROFF bit of the Power Down register. In POWEROFF mode the Control Interface and a small portion of the digital remain active. The analogue VMID reference is disabled. DESCRIPTION 1 X X X X POWEROFF Table 20 Poweroff Mode |