| Zakładka z wyszukiwarką danych komponentów |
|
WM8734 Arkusz danych(PDF) 42 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8734 Arkusz danych(HTML) 42 Page - Wolfson Microelectronics plc |
|
42 / 46 page ![]() WM8734 Production Data w PD Rev 4.1 November 2006 42 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS Figure 39 External Components Diagram Notes: 1. Diagram above is for SSOP package. QFN external components are the same. 2. Where possible, it is recommended that NPO or COG type capacitors should be used for best performance. 3. For added strength and heat dissipation, it is recommended that the GND_PADDLE (Pin 33) is connected to AGND. |