Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA2151A Arkusz danych(PDF) 4 Page - Allegro MicroSystems

Numer części 2SA2151A
Szczegółowy opis  Audio Amplification Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2SA2151A Arkusz danych(HTML) 4 Page - Allegro MicroSystems

  2SA2151A Datasheet HTML 1Page - Allegro MicroSystems 2SA2151A Datasheet HTML 2Page - Allegro MicroSystems 2SA2151A Datasheet HTML 3Page - Allegro MicroSystems 2SA2151A Datasheet HTML 4Page - Allegro MicroSystems 2SA2151A Datasheet HTML 5Page - Allegro MicroSystems 2SA2151A Datasheet HTML 6Page - Allegro MicroSystems 2SA2151A Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Audio Amplification Transistor
2SA2151A
4
1
10
100
1000
DC
0.1
0.01
1.0
10.0
100.0
–VCE (V)
Safe Operating Area
TA= 25°C, single pulse, no heatsink, natural cooling
0.01
0.1
1
10
100
10
20
30
0
fT vs. IE
–VCE = 12 V Continuous
IE (A)
Typ.
PC vs. TA
0
50
100
150
200
0
25
50
75
100
125
150
TA (°C)
Without Heatsink
Wi
th
Infinite
Hea
tsin
k
3.5
Performance Characteristics, continued
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com