Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA2151A Arkusz danych(PDF) 2 Page - Allegro MicroSystems

Numer części 2SA2151A
Szczegółowy opis  Audio Amplification Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2SA2151A Arkusz danych(HTML) 2 Page - Allegro MicroSystems

  2SA2151A Datasheet HTML 1Page - Allegro MicroSystems 2SA2151A Datasheet HTML 2Page - Allegro MicroSystems 2SA2151A Datasheet HTML 3Page - Allegro MicroSystems 2SA2151A Datasheet HTML 4Page - Allegro MicroSystems 2SA2151A Datasheet HTML 5Page - Allegro MicroSystems 2SA2151A Datasheet HTML 6Page - Allegro MicroSystems 2SA2151A Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Audio Amplification Transistor
2SA2151A
2
ELECTRICAL CHARACTERISTICS at TA = 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector-Cutoff Current
ICBO
VCB = –230 V
–10
μA
Emitter Cutoff Current
IEBO
VEB = –6 V
–10
μA
Collector-Emitter Voltage
V(BR)CEO
IC = –50 mA
–230
V
DC Current Transfer Ratio*
hFE
VCE = –4 V, IC = –3 A
50
180
Collector-Emitter Saturation Voltage
VCE(sat)
IC = –5 A, IB = –0.5 A
–0.5
V
Cutoff Frequency
fT
VCE = –12 V, IE = 0.5 A
20
MHz
Output Capacitance
COB
VCB = –10 V, IE = 0 A, f = 1 MHz
450
pF
*hFE rating: 50 to 100 (O brand on package), 70 to 140 (P), 90 to 180 (Y).
ABSOLUTE MAXIMUM RATINGS at TA = 25°C
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
–230
V
Collector-Emitter Voltage
VCEO
–230
V
Emitter-Base Voltage
VEBO
–6
V
Collector Current
IC
–15
A
Base Current
IB
–4
A
Collector Power Dissipation
PC
160
W
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
–55 to150
°C
SELECTION GUIDE
Part Number
Type
hFE Rating
Packing
2SA2151A*
PNP
Range O: 50 to 100
Bulk, 100 pieces
Range P: 70 tp 140
Range Y: 90 to 180
*Specify hFE range when ordering. If no hFE range is specified, order will be fulfilled with either or both range O and range Y,
depending upon availability.
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com