Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA2151A Arkusz danych(PDF) 1 Page - Allegro MicroSystems

Numer części 2SA2151A
Szczegółowy opis  Audio Amplification Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2SA2151A Arkusz danych(HTML) 1 Page - Allegro MicroSystems

  2SA2151A Datasheet HTML 1Page - Allegro MicroSystems 2SA2151A Datasheet HTML 2Page - Allegro MicroSystems 2SA2151A Datasheet HTML 3Page - Allegro MicroSystems 2SA2151A Datasheet HTML 4Page - Allegro MicroSystems 2SA2151A Datasheet HTML 5Page - Allegro MicroSystems 2SA2151A Datasheet HTML 6Page - Allegro MicroSystems 2SA2151A Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SA2151A
Description
By adapting the Sanken unique wafer-thinner technique, these
PNPpower transistors achieve power-up by decreasing thermal
resistance, and provide higher voltage avalanche breakdown
rating.The high power-handling capacity of the TO-3Ppackage
allows a smaller footprint on the circuit board design. This
series of transistors is very well suited to not only multichannel
applications for AV (audio-visual) amplifiers and receivers,
but also parallel connection applications for PA (professional
audio system) amplifiers.
Applications include the following:
▪ Single transistors for audio amplifiers
▪ Home audio amplifiers
▪ Professional audio amplifiers
▪ Automobile audio amplifiers
▪ Audio market
▪ Single transistors for general purpose
Features and Benefits
▪ Small package (TO-3P)
▪ High power handling capacity, 160 W
▪ Improved sound output by reduced on-chip impedance
▪ For professional audio (PA) applications, VCEO = –230 V
versions available
▪ Complementary to 2SC6011A
▪ Recommended output driver: 2SA1668A
Audio Amplification Transistor
Package: 3 Lead TO-3P
38101


Podobny numer części - 2SA2151A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
2SA2151A NJSEMI-2SA2151A Datasheet
71Kb / 2P
Silicon PNP Power Transistor
logo
Sanken electric
2SA2151A SANKEN-2SA2151A Datasheet
221Kb / 7P
Audio Amplification Transistor
logo
Inchange Semiconductor ...
2SA2151A ISC-2SA2151A Datasheet
96Kb / 2P
Complement to Type 2SC6011A
More results

Podobny opis - 2SA2151A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
2SA2151 ALLEGRO-2SA2151 Datasheet
279Kb / 7P
Audio Amplification Transistor
2SC6011 ALLEGRO-2SC6011 Datasheet
282Kb / 7P
Audio Amplification Transistor
2SC6011A ALLEGRO-2SC6011A Datasheet
282Kb / 7P
Audio Amplification Transistor
logo
Sanken electric
2SA2151 SANKEN-2SA2151 Datasheet
221Kb / 7P
Audio Amplification Transistor
2SA2151A SANKEN-2SA2151A Datasheet
221Kb / 7P
Audio Amplification Transistor
2SA2223 SANKEN-2SA2223 Datasheet
226Kb / 6P
Audio Amplification Transistor
2SA2223A SANKEN-2SA2223A Datasheet
226Kb / 6P
Audio Amplification Transistor
2SC6145 SANKEN-2SC6145 Datasheet
225Kb / 6P
Audio Amplification Transistor
2SC6011 SANKEN-2SC6011 Datasheet
223Kb / 7P
Audio Amplification Transistor
2SC6011A SANKEN-2SC6011A Datasheet
223Kb / 7P
Audio Amplification Transistor
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com