Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS339P Arkusz danych(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Numer części AS339P
Szczegółowy opis  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS339P Arkusz danych(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AS339P Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AS339/339A
Data Sheet
4
Aug. 2006 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VO=1.4V, RS=0Ω, VCC from
5V to 30V
AS339
25
mV
7
AS339A
23
5
Input Bias Current
IIN+ or IIN- with output in Linear Range,
VCM=0V
25
250
nA
400
Input Offset Current
IIN+- IIN-, VCM=0V
5.0
50
nA
200
Input Common Mode
Voltage Range (Note 4)
VCC=30V
0
VCC-1.5
V
Supply Current
RL=∞
VCC=5V
0.9
2.0
mA
3.0
VCC=30V
1.2
2.5
3.5
Voltage Gain
RL≥15kΩ, VCC=15V, VO=1V to 11V
50
200
V/mV
Large Signal Response
Time
VIN=TTL Logic Swing, VREF=1.4V
VRL=5V, RL=5.1kΩ
200
ns
Response Time
VRL=5V, RL=5.1kΩ
1.3
µs
Output Sink Current
VIN-=1V, VIN+=0, VO=1.5V
6.0
16
mA
Output Leackage Current
VIN-=0V, VIN+=1V, VO=5V
0.1
nA
VIN-=0V, VIN+=1V, VO=30V
1
µA
Saturation Voltage
VIN-=1V, VIN+=0, ISINK ≤ 4mA
200
400
mV
500
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
236
V
Operating Temperature Range
TA
-40
85
oC
Recommended Operating Conditions
Note 3: Limits over the full temperature are guaranteed by design, but not tested in production.
Note 4: The input common-mode voltage of either input signal voltage should not be allowed to go negatively by
more than 0.3V (at 25oC). The upper end of the common-mode voltage range is VCC-1.5V (at 25
oC), but either or
both inputs can go to +18V without damages, independent of the magnitude of the VCC.
Limits in standard typeface are for TA=25
oC, bold typeface applies over T
A=-40
oC to 85oC (Note 3), V
CC=5V, GND=0V,
unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com