Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS339P Arkusz danych(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Numer części AS339P
Szczegółowy opis  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS339P Arkusz danych(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AS339P Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AS339/339A
Data Sheet
5
Aug. 2006 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Negative Transition
Figure 7. Response Time for 5mV Input Overdrive -
Figure 4. Supply Voltage vs. Supply Current
Figure 5. Supply Voltage vs. Input Bias Current
Figure 6. Output Sink Current vs. Saturation Voltage
0.01
0.1
1
10
100
1E-3
0.01
0.1
1
10
85
oC
25
oC
-40
oC
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
85
oC
25
oC
-40
oC
Supply Voltage (V)
Typical Performance Characteristics
Time (
µs)
0
6
4
2
-100
0
-50
1.8 2.0
1.4 1.6
1.0 1.2
0.6 0.8
0.2 0.4
0
0
4
8
12
16
20
24
28
32
36
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
85
oC
25
oC
-40
oC
Supply Voltage (V)
V
IN
V
CC
5.1K
V
OUT
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com