Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS339P Arkusz danych(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Numer części AS339P
Szczegółowy opis  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS339P Arkusz danych(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AS339P Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS339P Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AS339/339A
Data Sheet
3
Aug. 2006 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Ordering Information (Continued)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Differential Input Voltage
VID
40
V
Input Voltage
VIN
-0.3 to 40
V
Input Current (VIN<-0.3V) (Note 2)
IIN
50
mA
Output Short-Circuit to Ground
Continuous
Power Dissipation (TA=25
oC)
PD
DIP-14
1050
mW
SOIC-14
890
TSSOP-14
790
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10 Seconds)
TLEAD
260
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum
Ratings" for extended periods may affect device reliability.
Note 2: This input current will only exist when the voltage at any of the input leads is driven negative. It is due to
the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input diode
clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip. This
transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a
large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output
states will re-establish when the input voltage, which was negative, again returns to a value greater than -0.3 VDC
(at 25oC).
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOIC-14
-40 to 85oC
AS339M
AS339M-E1
AS339M
AS339M-E1
Tube
AS339MTR
AS339MTR-E1
AS339M
AS339M-E1
Tape & Reel
AS339AM-E1
AS339AM-E1
Tube
AS339AMTR-E1
AS339AM-E1
Tape & Reel
DIP-14
AS339P
AS339P-E1
AS339P
AS339P-E1
Tube
AS339AP-E1
AS339AP-E1
Tube
TSSOP-14
AS339G-E1
EGS339
Tube
AS339GTR-E1
EGS339
Tape & Reel
Absolute Maximum Ratings (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com