| Zakładka z wyszukiwarką danych komponentów |
|
USB97C102 Arkusz danych(PDF) 63 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB97C102 Arkusz danych(HTML) 63 Page - SMSC Corporation |
|
63 / 80 page ![]() SMSC DS – USB97C102 Page 63 Rev. 03/23/2000 OUT_NAKLO (0x7FEE – RESET=0x00) OUT_NAKLO REGISTER BIT NAME R/W DESCRIPTION 2 OUT_NAK_2 R/W This bit is set (1) when the SIE responds with a NAK to OUT tokens on EP 2 and reset (0) when after the MCU writes a ‘1’ to it. 1 OUT_NAK_1 R/W This bit is set (1) when the SIE responds with a NAK to OUT tokens on EP 1 and reset (0) when after the MCU writes a ‘1’ to it. 0 OUT_NAK_0 R/W This bit is set (1) when the SIE responds with a NAK to OUT tokens on EP 0 and reset (0) when after the MCU writes a ‘1’ to it. Table 116 – OUT_NAKHI Register OUT_NAKHI (0x7FEF – RESET=0x00) OUT_NAKHI REGISTER BIT NAME R/W DESCRIPTION 7 OUT_NAK_15 R/W This bit is set(1) when after the SIE responds with a NAK to OUT tokens on EP 15 and reset(0) when after the MCU writes a ‘1’ to it. 6 OUT_NAK_14 R/W This bit is set(1) after t when the SIE responds with a NAK to OUT tokens on EP 14 and reset(0) when after the MCU writes a ‘1’ to it. 5 OUT_NAK_13 R/W This bit is set(1) when after the SIE responds with a NAK to OUT tokens on EP 13 and reset(0) when after the MCU writes a ‘1’ to it. 4 OUT_NAK_12 R/W This bit is set(1) when after the SIE responds with a NAK to OUT tokens on EP 12 and reset(0) when after the MCU writes a ‘1’ to it. 3 OUT_NAK_11 R/W This bit is set(1) when after the SIE responds with a NAK to OUT tokens on EP 11 and reset(0) when after the MCU writes a ‘1’ to it. 2 OUT_NAK_10 R/W This bit is set(1) when after the SIE responds with a NAK to OUT tokens on EP 10 and reset(0) when after the MCU writes a ‘1’ to it. 1 OUT_NAK_9 R/W This bit is set(1) when after the SIE responds with a NAK to OUT tokens on EP 9 and reset(0) when after the MCU writes a ‘1’ to it. 0 OUT_NAK_8 R/W This bit is set(1) when after the SIE responds with a NAK to OUT tokens on EP 8 and reset(0) when after the MCU writes a ‘1’ to it. |