Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

10SMBT Arkusz danych(PDF) 1 Page - UN Semiconducctor INC

Numer części 10SMBT
Szczegółowy opis  6.5 To 75V 1000W Surface Mount Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UNSEMI [UN Semiconducctor INC]
Strona internetowa  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

10SMBT Arkusz danych(HTML) 1 Page - UN Semiconducctor INC

  10SMBT Datasheet HTML 1Page - UN Semiconducctor INC 10SMBT Datasheet HTML 2Page - UN Semiconducctor INC 10SMBT Datasheet HTML 3Page - UN Semiconducctor INC 10SMBT Datasheet HTML 4Page - UN Semiconducctor INC 10SMBT Datasheet HTML 5Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1000
5.0
See Next Table
-55 to +150
-40 to +125
5.0
PPPM
PD
IPP
TJ,TSTG
TOP
VF
Peak Pulse Power Dissipation with a 10/1000μs waveform
Power Dissipation on Infinite Heat Sink at TL = 75°C
Peak Pulse Current with a 10/1000μs waveform
Junction and Storage Temperature Range.
Operating Temperature Range.
Maximum Instantaneous Forward Voltage at 50A for Unidirectionalo
W
W
A
°C
°C
V
Parameter
Symbol
Value
Unit
A
TVS diodes can be used in a wide range of applications which
like consumer electronic products, automotive industries,
munitions, telecommunications, aerospace industries, and
intelligent control systems.
Working Voltage: 6.5 to 75V
Peak Pulse Power: 1000W
10SMBT Series
Maximum Ratings and Thermal Characteristics(TA=25℃ unless otherwise noted)
Features
Description
Applications
ROHS
Revision March 1,2022
Surface Mount Transient Voltage Suppressors
www.unsemi.com.tw
6.5 To 75V 1000W
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/4
Mechanical Data
Package: SMB-3/DO-214AA
Case Material: “Green” MoldingCompound.
UL Flammability Classification Rating 94V-0
Standard Packaging: 12mm tape (EIA STD RS-481)
Polarity: Color band denotes cathode except
bi-directional models
Quantity Per Reel : 3,000pcs
Weight: 0.10g
Mounting position: Any
Glass passivated chip .
1000 W peak pulse power capability with a 10/1000 us waveform .
Repetitive rate (duty cycle):0.01 % .
Very Fast response time: typically less than 1.0ps from 0V to VBR min .
Excellent clamping capability .
For surface mounted applications in order to optimize board space .
High temperature soldering: 260℃/10s at terminals .
Plastic package has Underwriters Laboratory Flammability 94V-0 .
Halogen free and RoHS compliant .
TVS devices are ideal for the protection of I/O interfaces, VCC bus
and other vulnerable circuits used in Telecom, Computer,Industrial
and Consumer electronic applications


Podobny numer części - 10SMBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Shunye Electro...
10SMB100A SHUNYE-10SMB100A Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
10SMB100CA SHUNYE-10SMB100CA Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
10SMB10A SHUNYE-10SMB10A Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
10SMB10CA SHUNYE-10SMB10CA Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
10SMB110A SHUNYE-10SMB110A Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
More results

Podobny opis - 10SMBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
1KSMBJ75CA LITTELFUSE-1KSMBJ75CA Datasheet
217Kb / 4P
1000W Surface Mount Transient Voltage Suppressor
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SMB10J TSC-SMB10J Datasheet
186Kb / 5P
1000W Surface Mount Transient Voltage Suppressor
logo
HuaXinAn Electronics CO...
1.0SMBJ5.0CA HUAXINAN-1.0SMBJ5.0CA Datasheet
431Kb / 5P
1000W Transient Voltage Suppressors
logo
UN Semiconducctor INC
10SMBJ UNSEMI-10SMBJ Datasheet
3Mb / 6P
5.0 To 200V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMB10J UNSEMI-TPSMB10J Datasheet
2Mb / 5P
15 To 40V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDT UNSEMI-SMDT Datasheet
2Mb / 5P
5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com