Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PC18B03 Arkusz danych(PDF) 8 Page - ATMEL Corporation

Numer części PC18B03
Szczegółowy opis  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC18B03 Arkusz danych(HTML) 8 Page - ATMEL Corporation

Back Button PC18B03 Datasheet HTML 4Page - ATMEL Corporation PC18B03 Datasheet HTML 5Page - ATMEL Corporation PC18B03 Datasheet HTML 6Page - ATMEL Corporation PC18B03 Datasheet HTML 7Page - ATMEL Corporation PC18B03 Datasheet HTML 8Page - ATMEL Corporation PC18B03 Datasheet HTML 9Page - ATMEL Corporation PC18B03 Datasheet HTML 10Page - ATMEL Corporation PC18B03 Datasheet HTML 11Page - ATMEL Corporation PC18B03 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
1389CS–CASIC–06-Nov-06
ATC18 Summary
7.
Compiled CMOS Memories
The Atmel CMOS Memory Compiler Library enables users to compile memories for the func-
tions Single-port Synchronous RAM, Dual-port Synchronous RAM, Via Programmable ROM and
Two-port Synchronous Register File according to their precise requirements. Memories com-
piled in this way can be instanced as often as required in designs, alongside cells from other
Atmel CBIC libraries.
7.1
Single-port Synchronous SRAM
Key features of the single-port synchronous SRAM are:
• High-density (HD) SRAM
• 350 MHz worst-case cycle time
• Zero Quiescent Current
• 3-state outputs
• Several aspect ratios for optimization
• Separate Data-in, Data-out pins support a write-through feature
• Asynchronous write-through for testing interface shadow logic
•BIST interface
• Optional Sub-word write decode
The single-port SRAM compiler is a high-density RAM compiler with quiescent current consump-
tion equal to zero when the SRAM is not in a read or write mode. The compiler is optimized for a
power supply voltage range of 1.62V to 1.98V and can operate at voltages as low as 1.2V. The
SRAM instances can be built with several aspect ratios for maximum area and performance opti-
mization. Separate output (Q) and input (D) pins allow a write-through cycle feature. An
asynchronous write through mode (AWT) allows testing of interface shadow logic. Built-in BIST
interface allows for easy connection to most memBIST solutions. The special test modes allow
externally bypassing read and write self-timed circuits and adjusting read and write margins. The
SRAM memory also includes a sub-word feature where selective write to each group of 8-bit
subwords can be done. A maskable write enable signal is provided for each 8-bit group.
Table 7-1 gives the range of permitted single-port synchronous RAM configurations.
Note:
1. CM = 4, 8, 16: Column Mux option
7.2
Dual-port Synchronous RAM
Key features of the dual-port synchronous RAM are:
• High-density (HD) SRAM
• 300 MHz worst-case cycle time
• Zero Quiescent Current
• 3-state outputs
Table 7-1.
Configuration Range
Parameter
Min
Max
Increment
Address Locations (words)
32
16K
1 x CM(1)
Word Size (Number of I/O bits)
2
128
1 bit
Total Bits in Core (Word Size x Address Locations)
128
512K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com