| Zakładka z wyszukiwarką danych komponentów |
|
PC18B03 Arkusz danych(PDF) 1 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC18B03 Arkusz danych(HTML) 1 Page - ATMEL Corporation |
|
1 / 12 page ![]() Features • Comprehensive Library of Standard Logic and I/O Cells • ATC18 Core and I/O Cells Designed to Operate with VDD = 1.8V ± 0.15V as Main Target Operating Conditions • IO25 and IO33 Pad Libraries Provide Interfaces to 2.5V and 3V Environments • Oscillators Provide Stable Clock Sources • Basic Analog Input/Output, Power, Ground and Multiplexer Cells Available • General-purpose Analog Cells Include Regulators, Power Management Cells, Op Amps, Comparators, ADCs and DACs, High-performance Analog Cells Can Be Developed on Request • Memory Cells Compiled to the Precise Requirements of the Design • Compatible with Atmel’s Extensive Range of Microcontroller, DSP, Standard-interface and Application-specific Cells 1. Description The Atmel ATC18 Library is fabricated on a proprietary 0.18 micron, up to six-layer- metal CMOS process intended for use with a supply voltage of 1.8V ± 0.15V. Table 1- 1 shows the range for which Atmel library cells have been characterized. Table 1-1. Recommended Operating Conditions Symbol Parameter Conditions Min Typ Max Unit VDD DC Supply Voltage Core and Standard I/Os 1.65 1.8 1.95 V VDD2.5 DC Supply voltage 2.5V Interface I/Os 2.25 2.5 2.75 V V DD3.3 DC Supply Voltage 3.3V Interface I/Os 3 3.3 3.6 V VI DC Input Voltage 0 VDD V V O DC Output Voltage 0 V DD V TEMP Operating Free Air Temperature Range Industrial -40 +85 ° C TSG Storage Temperature -60 +150 ° C Cell-based ASIC ATC18 Summary 1389CS–CASIC–06-Nov-06 NOTE: This is a summary document. The complete document is available under NDA. For more information, please contact your local Atmel sales office. |
Podobny numer części - PC18B03 |
|
Podobny opis - PC18B03 |