Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PC18B03 Arkusz danych(PDF) 9 Page - ATMEL Corporation

Numer części PC18B03
Szczegółowy opis  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC18B03 Arkusz danych(HTML) 9 Page - ATMEL Corporation

Back Button PC18B03 Datasheet HTML 4Page - ATMEL Corporation PC18B03 Datasheet HTML 5Page - ATMEL Corporation PC18B03 Datasheet HTML 6Page - ATMEL Corporation PC18B03 Datasheet HTML 7Page - ATMEL Corporation PC18B03 Datasheet HTML 8Page - ATMEL Corporation PC18B03 Datasheet HTML 9Page - ATMEL Corporation PC18B03 Datasheet HTML 10Page - ATMEL Corporation PC18B03 Datasheet HTML 11Page - ATMEL Corporation PC18B03 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
1389CS–CASIC–06-Nov-06
ATC18 Summary
• Several aspect ratios for optimization
• Separate Data-in, Data-out pins support a write-through feature
• Asynchronous write-through for testing interface shadow logic
•BIST interface
• Optional Sub-word decode
The dual-port synchronous RAM compiler is a high-density RAM compiler with quiescent current
consumption equal to zero when the SRAM is not in a read or write mode. The compiler is opti-
mized for a power supply voltage range of 1.62V to 1.98V and can operate at voltages as low as
1.2V. The SRAM instances can be built with several aspect ratios for maximum area and perfor-
mance optimization. Separate output (Q) and input (D) pins allow a write-through cycle feature.
An asynchronous write-through mode (AWT) allows testing of interface shadow logic through
scan. Built-in BIST interface allows for easy connection to most memBIST solutions. The special
test modes allow externally bypassing read and write self-timed circuits and adjusting read and
write margins. The SRAM compiler also includes a sub-word feature where selective write to
each group of 8-bit sub-words can be done. A maskable write enable signal is provided for each
8-bit group.
Table 7-2 gives the range of permitted dual-port synchronous RAM configurations.
Note:
1. CM = 4, 8, 16: Column Mux option
7.3
Via Programmable ROM
Key features of the via programmable ROM are:
• 1-port high-density synchronous via-2 programmable ROM
• 290 MHz worst-case cycle time (2K x 16) with no limitation on clock duty cycle
• Zero Quiescent Current
• 3-state outputs
• Several aspect ratios for optimization
• Programming support
The via programmable ROM compiler is a high-density low-power synchronous ROM compiler.
The quiescent current consumption is zero when the ROM is not enabled. The compiler is opti-
mized for a power supply voltage range of 1.62V to 1.98V and can operate at voltages as low as
1.26V. The ROM instances can be built with several aspect ratios for maximum area and perfor-
mance optimization. Within limits, the user has flexibility in specifying the logical size of the
ROM, including word size, number of address locations and column mux.
Table 7-2.
Configuration Range
Parameter
Min
Max
Increment
Address Locations (words)
32
8K
1 x CM(1)
Word Size (Number of I/O bits)
2
128
1 bit
Total Bits in Core (Word Size x Address Locations)
128
256K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com