| Zakładka z wyszukiwarką danych komponentów |
|
PCF5083H/5V2/F3 Arkusz danych(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083H/5V2/F3 Arkusz danych(HTML) 52 Page - NXP Semiconductors |
|
52 / 136 page ![]() 1996 Oct 29 52 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 Table 40 Downlink data frame format OFFSET DATA FIELD CMD FIELD INFO FIELD SYNC FIELD DESCRIPTION 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0XFF 1 1 1 1 1 0 1 0 Header: to be used by the terminal adaptor for synchronization purposes 1 0XFF 1 1 1 1 1 0 1 0 2 0XFF 1 1 1 1 1 FID = 01 0 3 to 21 0XFF 1 1 1 1 1 0 1 0 22 0X01 0 0 0 1 0 0 1 0 23 0XFF 1 1 1 1 1 0 1 0 24 0XFF 1 1 1 1 1 0 1 0 25 0X00 0 0 0 1 0 0 1 0 26 0XFF 1 1 1 1 1 1 1 1 User data block. LU is the block length. Valid range: 0 ≤ LU ≤ 36. 27 0XFF 1 1 1 1 1 1 1 1 28 0XFF 1 1 1 1 1 1 1 1 29 LU 0 0 0 0 1 0 0 1 30 0XFF 1 1 1 1 1 1 1 1 0XFF 1 1 1 1 1 1 1 1 U[1] 0 0 0 0 1 1 1 1 0XFF 1 1 1 1 1 1 1 1 0XFF 1 1 1 1 1 1 1 1 U[2] 0 0 0 0 1 0 0 1 0XFF 1 1 1 1 1 1 1 1 U(LU − 1) 00001 0 0 1 0XFF 1 1 1 1 1 1 1 1 0XFF 1 1 1 1 1 1 1 1 U(LU) 0 0 0 0 1 0 0 1 0XFF 1 1 1 1 1 1 1 1 0XFF 1 1 1 1 1 1 1 1 LC 0 0 0 0 1 0 0 1 Control data block; LC is the block length. Valid range: 0 ≤ LC ≤ 8. 0XFF 1 1 1 1 1 1 1 1 0XFF 1 1 1 1 1 1 1 1 C[0] 0 0 0 0 1 0 0 1 0XFF 1 1 1 1 1 1 1 1 0XFF 1 1 1 1 1 1 1 1 C[1] 0 0 0 0 1 0 0 1 0XFF 1 1 1 1 1 1 1 1 C(LC − 2) 00001 0 0 1 0XFF 1 1 1 1 1 1 1 1 0XFF 1 1 1 1 1 1 1 1 C(LC − 1) 00001 0 0 1 159 0XFF 1 1 1 1 1 1 1 1 |