Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCF5083H/5V2/F3 Arkusz danych(PDF) 53 Page - NXP Semiconductors

Numer części PCF5083H/5V2/F3
Szczegółowy opis  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Arkusz danych(HTML) 53 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 49Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 50Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 51Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 52Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 53Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 54Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 55Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 56Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 136 page
background image
1996 Oct 29
53
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.1.5.3
Format of uplink data frames
The uplink data frame format is described in Table 43. Each word consists of four fields; these are described in Table 41.
Table 41 Field descriptions
Table 42 Classification of the 16-bit samples
Note
1. The external terminal adaptor may insert at any position an arbitrary number of fill words with CMD = 11111.
Table 43 Uplink data frame format
Notes
1. X = don’t care.
FIELD
DESCRIPTION
DATA
This field contains the data bytes of user data block and control data block. Only words with
CMD = 00001 contain valid data fields (see Table 42).
CMD
This field classifies the 16-bit samples as described in the Table 42.
SYNC, INFO
In uplink direction, these fields are without meaning.
CMD FIELD
DESCRIPTION
76543
00001
The data field contains a valid data byte belonging to either a user or a control data block.
00010
The data field contains auxiliary control information that may be used by the terminal
adaptor for synchronization purposes; note 1.
11111
Indicates that the data field contains invalid data, which should be ignored.
Other combinations
Reserved for future expansion. Not used by the DSP.
OFFSET
DATA FIELD(1)
CMD FIELD
INFO FIELD
SYNC
FIELD
DESCRIPTION
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
X
1
1
1
1
1
X
X
X
User data block; this block
contains modified CCITT
frame in accordance with
“GSM Rec. 05.03”. It is
used as input data for the
channel encoder. LU is the
block length
Valid range: 0
≤ LU ≤ 33
X
1
1111
X
X
X
LU
00001
X
X
X
U[0]
0
0
0
0
1
X
X
X
U[1]
0
0
0
0
1
X
X
X
U(LU
− 2)
00001
X
X
X
U(LU
− 1)
00001
X
X
X
LC
0
0
0
0
1
X
X
X
Control data block; the
first byte LC is the block
length. LC may also be
zero. This block is
forwarded to the System
Controller.
Valid range: 0
≤ LC ≤ 10.
C[0]
0
0
0
0
1
X
X
X
C[1]
0
0
0
0
1
X
X
X
C(LC
− 2)
00001
X
X
X
C(LC
− 1)
00001
X
X
X
159
X
1
1
1
1
1
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More