| Zakładka z wyszukiwarką danych komponentów |
|
PCF5083H/5V2/F3 Arkusz danych(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083H/5V2/F3 Arkusz danych(HTML) 34 Page - NXP Semiconductors |
|
34 / 136 page ![]() 1996 Oct 29 34 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 Table 17 Select flags in register IMCOUT_REG The inhibit flag (INH) in IMCOUT_REG controls whether the IMC operation is inhibited during a receive or transmit burst indicated with PDRX2 or NPDTX2 active. If the INH flag is set the IMC operation is delayed until PDRX2 and NPDTX2 become inactive. If the INH flag is reset the two lines are don’t care. 8.4.4 OPERATION MODES AND CONTROL REGISTERS The characteristics of each channel are controlled using the contents of the registers RFCTRL0_REG to RFCTRL3_REG. The interface is programmable, one of three timing modes can be selected for every data transfer. For the exact timing see Chapter 16. In Mode 3 the transmission of the data registers associated with the control register is disabled. If there is a conflict between the different data channels, data transmission is scheduled according to Table 22. Table 18 RC-IF Interface Bus Control Registers SEL0 SEL1 SEL2 SEL3 ACTIVE ENABLE LINE 1 X X X RFSEN1 X 1 X X RFSEN2 X x 1 X RFSEN3 X X X 1 RFSEN4 BIT FLAG OPERATION 7 M1 These two bits select the timing mode, see Table 19. 6M0 5 SEL1 These two bits are used to assert the enable lines RFEN1 to RFEN1, see Table 21. 4 SEL0 3 A3 These four bits form the address field. 2A2 1A1 0A0 Table 19 Selection of the RC-IF Interface timing modes Note 1. The 16 or 21 data bits are transmitted MSB first according to Table 20. Table 20 RF-IC Interface data structure Note 1. The 21 bits consist of D17 to D0 and A2 to A0. Table 21 Selection of enable lines RFEN1 to RFEN4 Table 22 Order of priority MODE M1 M0 BITS TRANSFERRED RFE ASSERTED 00 0 21 no 10 1 21 no 2 1 0 16 yes 3 1 1 Transmission of the corresponding data registers is disabled. MODE BITS TRANSFERRED 1ST BIT LAST BIT 0 and 1 21(1) D17 A0 IMC channel 21 D20 D0 2 16 D15 D0 SEL1 SEL0 ENABLE LINE ASSERTED 0 0 RFEN1 0 1 RFEN2 1 0 RFEN3 1 1 RFEN4 PRIORITY TRANSMISSION Highest frequency setting gain control DACOFF_REG gain control DACON_REG gain control xxGAIN_REG then DACx_REG Lowest Immediate Control Channel |