Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMPJ556 Arkusz danych(PDF) 4 Page - InterFET Corporation

Numer części SMPJ556
Szczegółowy opis  J556, J557 Current Regulator Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERFET [InterFET Corporation]
Strona internetowa  http://www.interfet.com
Logo INTERFET - InterFET Corporation

SMPJ556 Arkusz danych(HTML) 4 Page - InterFET Corporation

  SMPJ556 Datasheet HTML 1Page - InterFET Corporation SMPJ556 Datasheet HTML 2Page - InterFET Corporation SMPJ556 Datasheet HTML 3Page - InterFET Corporation SMPJ556 Datasheet HTML 4Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 of 4
www.InterFET.com
J556-7
Document Number: IF35327.R01
InterFET Corporation
November, 2021
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
J556-7
TO-92-2L Mechanical and Layout Data
Package Outline Data
Suggested Through-Hole Layout
1.
All linear dimensions are in millimeters.
2.
Package weight approximately 0.19 grams
3.
Molded plastic case UL 94V-0 rated
4.
Bulk product is shipped in standard ESD shipping
material
5.
Refer to JEDEC standards for additional
information.
1.
All linear dimensions are in millimeters.
2.
The suggested land pattern dimensions have been
provided as a straight lead reference only. A more
robust pattern may be desired for wave soldering
and/or bent lead configurations.



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com