Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMPJ556 Arkusz danych(PDF) 2 Page - InterFET Corporation

Numer części SMPJ556
Szczegółowy opis  J556, J557 Current Regulator Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERFET [InterFET Corporation]
Strona internetowa  http://www.interfet.com
Logo INTERFET - InterFET Corporation

SMPJ556 Arkusz danych(HTML) 2 Page - InterFET Corporation

  SMPJ556 Datasheet HTML 1Page - InterFET Corporation SMPJ556 Datasheet HTML 2Page - InterFET Corporation SMPJ556 Datasheet HTML 3Page - InterFET Corporation SMPJ556 Datasheet HTML 4Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
www.InterFET.com
J556-7
Document Number: IF35327.R01
InterFET Corporation
November, 2021
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
J556-7
Electrical Characteristics
Static Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
J556
J557
Unit
Min
Typ
Max
Min
Typ
Max
IF
Regulator Current
VF = 25V
2.4
3
3.8
3.6
4.5
5.3
mA
VL
Limiting Voltage
IF = 0.9 IF(MIN)
0.75
2.6
1.5
3
V
VOP
Peak Operating
Voltage
IF = 1.1 IF(MAX)
50
50
V
Maximum Ratings (@ T
A
= 25°C, Unless otherwise specified)
Parameters
Value
Unit
VOP
Peak Operating Voltage
50
V
IFG
Continuous Forward Gate Current
50
mA
PD
Continuous Device Power Dissipation
360
mW
P
Power Derating
2.88
mW/°C
TJ
Operating Junction Temperature
-55 to 135
°C
TSTG Storage Temperature
-55 to 135
°C
Dynamic Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
J556
J557
Unit
Min
Typ
Max
Min
Typ
Max
ZD
Dynamic Impedance
VF = 25V, f = 1kHz
1.0
0.6
MΩ
ZK
Knee Impedance
VF = 6V, f = 1kHz
0.09
0.06
MΩ



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com