Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMPJ556 Arkusz danych(PDF) 1 Page - InterFET Corporation

Numer części SMPJ556
Szczegółowy opis  J556, J557 Current Regulator Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERFET [InterFET Corporation]
Strona internetowa  http://www.interfet.com
Logo INTERFET - InterFET Corporation

SMPJ556 Arkusz danych(HTML) 1 Page - InterFET Corporation

  SMPJ556 Datasheet HTML 1Page - InterFET Corporation SMPJ556 Datasheet HTML 2Page - InterFET Corporation SMPJ556 Datasheet HTML 3Page - InterFET Corporation SMPJ556 Datasheet HTML 4Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Disclaimer: It is the Buyers responsibility for designing, validating and testing the end application under all field use cases and
extreme use conditions. Guaranteeing the application meets required standards, regulatory compliance, and all safety and
security requirements is the responsibility of the Buyer. These resources are subject to change without notice.
IF35327.R01
J556-7
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
J556, J557 Current Regulator Diode
Features
• InterFET N0016H Geometry
• Low Noise: 5 nV/√Hz Typical
• Low Capacitance: 2pF Typical
• RoHS Compliant
• SMT, TH, and Bare Die Package options.
Applications
• Current Regulation
• Current Limiting
• Biasing
Description
The 50V InterFET J556 and J557 JFET’s are
targeted for current regulation and limiting
applications. The SOT23 package is pinned out as
a standard JFET and is required by the user to
connect the Gate to the Source or Drain.
Ordering Information Custom Part and Binning Options Available
Part Number
Description
Case
Packaging
J556; J557
Through-Hole
TO-92-2L
Bulk
SMPJ556; SMPJ557
Surface Mount
SOT23
Bulk
SMPJ556TR; SMPJ557TR
7“ Tape and Reel: Max 3,000 Pieces
13” Tape and Reel: Max 9,000 Pieces
SOT23
Minimum 1,000 Pieces
Tape and Reel
J556COT; J557COT
Chip Orientated Tray (COT Waffle Pack)
COT
400/Waffle Pack
J556CFT; J557CFT
Chip Face-up Tray (CFT Waffle Pack)
CFT
400/Waffle Pack
Product Summary
Parameters
J556 Min
J557 Min
Unit
VOP
Peak Operating Voltage
50
50
V
IF
Regulator Current
2.4
3.6
mA
VL
Limiting Voltage
0.75 (typ)
1.5 (typ)
V
1
2
3
Source
Drain
Gate
SOT23 Top View
TO-92 Bottom View
Cathode
Anode 1
2


Podobny numer części - SMPJ556

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdiode Semiconducto...
SMPJ5.0 CHENDA-SMPJ5.0 Datasheet
1Mb / 4P
TRANSIENT VTAGE SUPPRESSOR
SMPJ5.0A CHENDA-SMPJ5.0A Datasheet
1Mb / 4P
TRANSIENT VTAGE SUPPRESSOR
SMPJ5.0CA CHENDA-SMPJ5.0CA Datasheet
1Mb / 4P
TRANSIENT VTAGE SUPPRESSOR
SMPJ51A CHENDA-SMPJ51A Datasheet
1Mb / 4P
TRANSIENT VTAGE SUPPRESSOR
SMPJ51CA CHENDA-SMPJ51CA Datasheet
1Mb / 4P
TRANSIENT VTAGE SUPPRESSOR
More results

Podobny opis - SMPJ556

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micross Components
J500_TO-92 MICROSS-J500_TO-92 Datasheet
553Kb / 1P
Current Regulator Diode
J506_TO-92 MICROSS-J506_TO-92 Datasheet
531Kb / 1P
Current Regulator Diode
J510_TO-92 MICROSS-J510_TO-92 Datasheet
543Kb / 1P
Current Regulator Diode
LSJ501_SOT-23 MICROSS-LSJ501_SOT-23 Datasheet
543Kb / 1P
Current Regulator Diode
LSJ501_TO-92 MICROSS-LSJ501_TO-92 Datasheet
532Kb / 1P
Current Regulator Diode
LSJ503_TO-92 MICROSS-LSJ503_TO-92 Datasheet
535Kb / 1P
Current Regulator Diode
LSJ505_SOT-23 MICROSS-LSJ505_SOT-23 Datasheet
545Kb / 1P
Current Regulator Diode
SST503_SOT-23 MICROSS-SST503_SOT-23 Datasheet
324Kb / 1P
Current Regulator Diode
SST505_SOT-23 MICROSS-SST505_SOT-23 Datasheet
323Kb / 1P
Current Regulator Diode
SST506_SOT-23 MICROSS-SST506_SOT-23 Datasheet
324Kb / 1P
Current Regulator Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com