Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC8271CVRB Arkusz danych(PDF) 23 Page - Freescale Semiconductor, Inc

Numer części MPC8271CVRB
Szczegółowy opis  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8271CVRB Arkusz danych(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC8271CVRB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
Freescale Semiconductor
23
AC Electrical Characteristics
NOTE
The UPM machine outputs change on the internal tick determined by the
memory controller programming; the AC specifications are relative to the
internal tick. Note that SDRAM and GPCM machine outputs change on
CLKin’s rising edge.
6.3
JTAG Timings
Table 14 lists the JTAG timings.
Table 14. JTAG Timings1
Parameter
Symbol2
Min
Max
Unit
Notes
JTAG external clock frequency of operation
fJTG
033.3
MHz
JTAG external clock cycle time
tJTG
30
—
ns
JTAG external clock pulse width measured at 1.4V
tJTKHKL
15
—
ns
JTAG external clock rise and fall times
tJTGR and
tJTGF
05
ns
6
TRST assert time
tTRST
25
—
ns
3, 6
Input setup times
Boundary-scan data
TMS, TDI
tJTDVKH
tJTIVKH
4
4
—
—
ns
ns
4, 7
4, 7
Input hold times
Boundary-scan data
TMS, TDI
tJTDXKH
tJTIXKH
10
10
—
—
ns
ns
4, 7
4, 7
Output valid times
Boundary-scan data
TDO
tJTKLDV
tJTKLOV
—
—
10
10
ns
ns
5, 7
5. 7
Output hold times
Boundary-scan data
TDO
tJTKLDX
tJTKLOX
1
1
—
—
ns
ns
5, 7
5, 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com