Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC8271CVRB Arkusz danych(PDF) 53 Page - Freescale Semiconductor, Inc

Numer części MPC8271CVRB
Szczegółowy opis  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8271CVRB Arkusz danych(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8271CVRB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
Freescale Semiconductor
53
Pinout
No connect 4
D194, J34, AD24 5
I/O power
B4, F3, J2, N4, AD1, AD5, AE8,
AC13, AD18, AB24, AB26, W23,
R25, M25, F25, C25, C22, B17, B12,
B8, E6, F6, H6, L5, L6, P6, T6, U6,
V5, Y5, AA6, AA8, AA10, AA11,
AA14, AA16, AA17, AB19, AB20,
W21, U21, T21, P21, N21, M22,
J22, H21, F21, F19, F17, E16, F14,
E13, E12, F10, E10, E9
Core Power
F5, K5, M5, AA5, AB7, AA13, AA19,
AA21, Y22, AC25, U22, R22, L21,
H22, E22, E20, E15, F13, F11, F8,
L3, V4, W3, AC11, AD11, AB15,
U25, T24, J24, H25, F23, B19, D17,
C17, D10, C10
Ground
E19, E2, K1, Y2, AE1, AE4, AD9,
AC14, AE17, AC19, AE25, V24,
P26, M26, G26, E26, B21, C12,
C11, C8, A8, B18, A18, A2, B1, B2,
A5, C5, D4, D6, G2, L4, P1, R1, R4,
AC4, AE7, AC23, Y25, N24, J23,
A23, D23, D20, E18, A13, A16, K10,
K11, K12, K13, K14, K15, K16, K17,
L10, L11, L12, L13, L14, L15, L16,
L17, M10, M11, M12, M13, M14,
M15, M16, M17, N10, N11, N12,
N13, N14, N15, N16, N17, P10, P11,
P12, P13, P14, P15, P16, P17, R10,
R11,R12, R13, R14, R15, R16, R17,
T10, T11, T12, T13, T14, T15, T16,
T17, U10, U11, U12, U13, U14, U15,
U16, U17
1
Must be tied to ground.
2
Should be tied to VDDH via a 2K
Ω external pull-up resistor.
3
The default configuration of the CPM pins (PA[8–31], PB[18–31], PC[0–1,4–29], PD[7–25, 29–31]) is input. To prevent
excessive DC current, it is recommended either to pull unused pins to GND or VDDH, or to configure them as outputs.
4
This pin is not connected. It should be left floating.
5
Must be pulled down or left floating
Table 20. Pinout (continued)
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com