Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC8271CVRB Arkusz danych(PDF) 58 Page - Freescale Semiconductor, Inc

Numer części MPC8271CVRB
Szczegółowy opis  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8271CVRB Arkusz danych(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8271CVRB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8271CVRB Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
58
Freescale Semiconductor
Document Revision History
0.2
12/2003
• Table 1: New
• Table 2: New
• Table 4: Modification of VDD and VCCSYN to 1.45–1.60 V
• Table 5: Addition of note 2 regarding TRST and PORESET (see VIH row of Table 5)
• Table 5 and Table 20: Addition of muxed signals
CPCI_HS_ES to PCI_REQ1 (AF14)
CPCI_HS_LED to PCI_GNT1 (AE13)
CPCI_HS_ENUM to PCI_GNT2 (AF21)
• Table 5 and Table 20: Modification of PCI signal names for consistency with PCI signal names
on other PowerQUICC II devices:
PCI_CFG0 (PCI_HOST_EN) (AC21)
PCI_CFG1 (PCI_ARB_EN) (AE22)
PCI_CFG2 (DLL_ENABLE) (AE23)
PCI_PAR (AF12)
PCI_FRAME (AD15)
PCI_TRDY(AF16)
PCI_IRDY (AF15)
PCI_STOP (AE15)
DEVSEL (AE14)
PCI_IDSEL (AC17)
PCI_PERR (AD14)
PCI_SERR (AD13)
PCI_REQ0–2 (AAE20, AF14, AB14)
PCI_GNT0–2 (AD20, AE13, AF21)
PCI_RST (AF22)
PCI_INTA (AE21)
PCI_C0-3 (AE12, AF13, AC15, AE18)
PCI_AD0-31
• Table 5 and Table 20: Corrected assertion level (added “ “) PCI_HOST_EN (AC21) and
PCI_ARB_EN (AE22)
• Table 6: Addition of RθJT and note 4
• Sections 4.1–4.5 and 4.7 on thermal characteristics: New
• Section 7, “Clock Configuration Modes”: Modification to first paragraph. Note that
PCI_MODCK is a bit in the Hard Reset Configuration Word. It is not an input signal as it is in
the MPC8280 Family and MPC8260 Family.
• Addition of “Note: Temperature Reflow for the VR Package" on page 54
• Table 20: Addition of note 2 to TRST (E21) and PORESET (C24)
• Table 20: Removal of Thermal0 (D19) and Thermal1(J3). These pins are now “No connects.”
Note 4 unchanged.
• Table 20: Removal of Spare0 (AD24). This pin is now a “No connect.” Note 5 unchanged.
• Table 20: Addition of PCI_MODE (AD22). This pin was previously listed as “Ground.” Addition
of note 1.
0.1
9/2003
• Addition of the MPC8271 and the MPC8247 (these devices do not have a security engine)
• Table 5: Addition of note 2 to VIH
• Table 5: Changed IOL for 60x signals to 6.0 mA
• Modification of note 1 for Table 16, Table 17, Table 18, and Table 19
• Table 20: Addition of ball AD9 to GND. In rev 0 of this document, AD8 was listed as assigned
to both CS5 and GND. AD8 is only assigned to CS5.
• Table 20: Addition of note 4 to Thermal0 (D19) and Thermal1(J3)
• Addition of ZQ package code to Figure 15
0
5/2003
NDA release
Table 22. Document Revision History (continued)
Revision
Date
Substantive Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com