| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC30F2012AT20I/SP Arkusz danych(PDF) 74 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012AT20I/SP Arkusz danych(HTML) 74 Page - Microchip Technology |
|
74 / 205 page ![]() dsPIC30F2011/2012/3012/3013 DS70139E-page 72 © 2006 Microchip Technology Inc. 9.1 Timer Gate Operation The 16-bit timer can be placed in the Gated Time Accu- mulation mode. This mode allows the internal TCY to increment the respective timer when the gate input sig- nal (T1CK pin) is asserted high. Control bit, TGATE (T1CON<6>), must be set to enable this mode. The timer must be enabled (TON = 1) and the timer clock source set to internal (TCS = 0). When the CPU goes into the Idle mode, the timer stops incrementing unless TSIDL = 0. If TSIDL = 1, the timer resumes the incrementing sequence upon termination of the CPU Idle mode. 9.2 Timer Prescaler The input clock (FOSC/4 or external clock) to the 16-bit Timer has a prescale option of 1:1, 1:8, 1:64 and 1:256, selected by control bits, TCKPS<1:0> (T1CON<5:4>). The prescaler counter is cleared when any of the following occurs: • a write to the TMR1 register • a write to the T1CON register • device Reset, such as POR and BOR However, if the timer is disabled (TON = 0), then the timer prescaler cannot be reset since the prescaler clock is halted. TMR1 is not cleared when T1CON is written. It is cleared by writing to the TMR1 register. 9.3 Timer Operation During Sleep Mode The timer operates during CPU Sleep mode if: • The timer module is enabled (TON = 1), and • The timer clock source is selected as external (TCS = 1), and • The TSYNC bit (T1CON<2>) is asserted to a logic ‘0’ which defines the external clock source as asynchronous. When all three conditions are true, the timer continues to count up to the Period register and be reset to 0x0000. When a match between the timer and the Period regis- ter occurs, an interrupt can be generated if the respective timer interrupt enable bit is asserted. 9.4 Timer Interrupt The 16-bit timer has the ability to generate an interrupt- on-period match. When the timer count matches the Period register, the T1IF bit is asserted and an interrupt is generated, if enabled. The T1IF bit must be cleared in software. The timer interrupt flag, T1IF, is located in the IFS0 Control register in the interrupt controller. When the Gated Time Accumulation mode is enabled, an interrupt is also generated on the falling edge of the gate signal (at the end of the accumulation cycle). Enabling an interrupt is accomplished via the respec- tive timer interrupt enable bit, T1IE. The timer interrupt enable bit is located in the IEC0 Control register in the interrupt controller. 9.5 Real-Time Clock Timer1, when operating in Real-Time Clock (RTC) mode, provides time of day and event time-stamping capabilities. Key operational features of the RTC are: • Operation from 32 kHz LP oscillator • 8-bit prescaler •Low power • Real-Time Clock interrupts These operating modes are determined by setting the appropriate bit(s) in the T1CON Control register. FIGURE 9-2: RECOMMENDED COMPONENTS FOR TIMER1 LP OSCILLATOR RTC SOSCI SOSCO R C1 C2 dsPIC30FXXXX 32.768 kHz XTAL C1 = C2 = 18 pF; R = 100K |