| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC30F2012AT20I/SP Arkusz danych(PDF) 92 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012AT20I/SP Arkusz danych(HTML) 92 Page - Microchip Technology |
|
92 / 205 page ![]() dsPIC30F2011/2012/3012/3013 DS70139E-page 90 © 2006 Microchip Technology Inc. Figure 13-2 depicts the a master/slave connection between two processors. In Master mode, the clock is generated by prescaling the system clock. Data is transmitted as soon as a value is written to SPI1BUF. The interrupt is generated at the middle of the transfer of the last bit. In Slave mode, data is transmitted and received as external clock pulses appear on SCK. Again, the inter- rupt is generated when the last bit is latched. If SS1 control is enabled, then transmission and reception are enabled only when SS1 = low. The SDO1 output will be disabled in SS1 mode with SS1 high. The clock provided to the module is (FOSC/4). This clock is then prescaled by the primary (PPRE<1:0>) and the secondary (SPRE<2:0>) prescale factors. The CKE bit determines whether transmit occurs on transi- tion from active clock state to Idle clock state, or vice versa. The CKP bit selects the Idle state (high or low) for the clock. 13.1.1 WORD AND BYTE COMMUNICATION A control bit, MODE16 (SPI1CON<10>), allows the module to communicate in either 16-bit or 8-bit mode. 16-bit operation is identical to 8-bit operation except that the number of bits transmitted is 16 instead of 8. The user software must disable the module prior to changing the MODE16 bit. The SPI module is reset when the MODE16 bit is changed by the user. A basic difference between 8-bit and 16-bit operation is that the data is transmitted out of bit 7 of the SPI1SR for 8-bit operation, and data is transmitted out of bit 15 of the SPI1SR for 16-bit operation. In both modes, data is shifted into bit 0 of the SPI1SR. 13.1.2 SDO1 DISABLE A control bit, DISSDO, is provided to the SPI1CON reg- ister to allow the SDO1 output to be disabled. This will allow the SPI module to be connected in an input only configuration. SDO1 can also be used for general purpose I/O. 13.2 Framed SPI Support The module supports a basic framed SPI protocol in Master or Slave mode. The control bit, FRMEN, enables framed SPI support and causes the SS1 pin to perform the Frame Synchronization Pulse (FSYNC) function. The control bit, SPIFSD, determines whether the SS1 pin is an input or an output (i.e., whether the module receives or generates the Frame Synchroniza- tion Pulse). The frame pulse is an active-high pulse for a single SPI clock cycle. When Frame Synchronization is enabled, the data transmission starts only on the subsequent transmit edge of the SPI clock. FIGURE 13-2: SPI MASTER/SLAVE CONNECTION Serial Input Buffer (SPI1BUF) Shift Register (SPI1SR) MSb LSb SDO1 SDI1 PROCESSOR 1 SCK1 SPI Master Serial Input Buffer (SPI1BUF) Shift Register (SPI1SR) LSb MSb SDI1 SDO1 PROCESSOR 2 SCK1 SPI Slave Serial Clock |