| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC30F2012AT20I/SP Arkusz danych(PDF) 89 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012AT20I/SP Arkusz danych(HTML) 89 Page - Microchip Technology |
|
89 / 205 page ![]() © 2006 Microchip Technology Inc. DS70139E-page 87 dsPIC30F2011/2012/3012/3013 12.4.2 PWM PERIOD The PWM period is specified by writing to the PRx register. The PWM period can be calculated using Equation 12-1. EQUATION 12-1: PWM frequency is defined as 1/[PWM period]. When the selected TMRx is equal to its respective period register, PRx, the following four events occur on the next increment cycle: • TMRx is cleared. • The OCx pin is set. - Exception 1: If PWM duty cycle is 0x0000, the OCx pin remains low. - Exception 2: If duty cycle is greater than PRx, the pin remains high. • The PWM duty cycle is latched from OCxRS into OCxR. • The corresponding timer interrupt flag is set. See Figure 12-2 for key PWM period comparisons. Timer3 is referred to in Figure 12-2 for clarity. FIGURE 12-2: PWM OUTPUT TIMING 12.5 Output Compare Operation During CPU Sleep Mode When the CPU enters Sleep mode, all internal clocks are stopped. Therefore, when the CPU enters the Sleep state, the output compare channel drives the pin to the active state that was observed prior to entering the CPU Sleep state. For example, if the pin was high when the CPU entered the Sleep state, the pin remains high. Likewise, if the pin was low when the CPU entered the Sleep state, the pin remains low. In either case, the output compare module resumes operation when the device wakes up. 12.6 Output Compare Operation During CPU Idle Mode When the CPU enters the Idle mode, the output compare module can operate with full functionality. The output compare channel operates during the CPU Idle mode if the OCSIDL bit (OCxCON<13>) is at logic ‘0’ and the selected time base (Timer2 or Timer3) is enabled and the TSIDL bit of the selected timer is set to logic ‘0’. 12.7 Output Compare Interrupts The output compare channels have the ability to gener- ate an interrupt on a compare match, for whichever Match mode has been selected. For all modes except the PWM mode, when a compare event occurs, the respective interrupt flag (OCxIF) is asserted and an interrupt is generated if enabled. The OCxIF bit is located in the corresponding IFS register and must be cleared in software. The interrupt is enabled via the respective compare interrupt enable (OCxIE) bit located in the corresponding IEC Control register. For the PWM mode, when an event occurs, the respec- tive timer interrupt flag (T2IF or T3IF) is asserted and an interrupt is generated if enabled. The IF bit is located in the IFS0 register and must be cleared in soft- ware. The interrupt is enabled via the respective timer interrupt enable bit (T2IE or T3IE) located in the IEC0 Control register. The output compare interrupt flag is never set during the PWM mode of operation. PWM period = [(PRx) + 1] • 4 • TOSC • (TMRx prescale value) Period Duty Cycle TMR3 = Duty Cycle TMR3 = Duty Cycle TMR3 = PR3 T3IF = 1 (Interrupt Flag) OCxR = OCxRS TMR3 = PR3 (Interrupt Flag) OCxR = OCxRS T3IF = 1 (OCxR) (OCxR) |