| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC30F2012AT20I/SP Arkusz danych(PDF) 136 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012AT20I/SP Arkusz danych(HTML) 136 Page - Microchip Technology |
|
136 / 205 page ![]() dsPIC30F2011/2012/3012/3013 DS70139E-page 134 © 2006 Microchip Technology Inc. All instructions are a single word, except for certain double-word instructions, which were made double- word instructions so that all the required information is available in these 48 bits. In the second word, the 8MSbs are ‘0’s. If this second word is executed as an instruction (by itself), it will execute as a NOP. Most single-word instructions are executed in a single instruction cycle, unless a conditional test is true or the program counter is changed as a result of the instruc- tion. In these cases, the execution takes two instruction cycles with the additional instruction cycle(s) executed as a NOP. Notable exceptions are the BRA (uncondi- tional/computed branch), indirect CALL/GOTO, all table reads and writes, and RETURN/RETFIE instructions, which are single-word instructions but take two or three cycles. Certain instructions that involve skipping over the subsequent instruction require either two or three cycles if the skip is performed, depending on whether the instruction being skipped is a single-word or two- word instruction. Moreover, double-word moves require two cycles. The double-word instructions execute in two instruction cycles. Note: For more details on the instruction set, refer to the Programmer’s Reference Manual. TABLE 18-1: SYMBOLS USED IN OPCODE DESCRIPTIONS Field Description #text Means literal defined by “text” (text) Means “content of text” [text] Means “the location addressed by text” { } Optional field or operation <n:m> Register bit field .b Byte mode selection .d Double-Word mode selection .S Shadow register select .w Word mode selection (default) Acc One of two accumulators {A, B} AWB Accumulator write-back destination address register ∈ {W13, [W13]+=2} bit4 4-bit bit selection field (used in word addressed instructions) ∈ {0...15} C, DC, N, OV, Z MCU Status bits: Carry, Digit Carry, Negative, Overflow, Sticky Zero Expr Absolute address, label or expression (resolved by the linker) f File register address ∈ {0x0000...0x1FFF} lit1 1-bit unsigned literal ∈ {0,1} lit4 4-bit unsigned literal ∈ {0...15} lit5 5-bit unsigned literal ∈ {0...31} lit8 8-bit unsigned literal ∈ {0...255} lit10 10-bit unsigned literal ∈ {0...255} for Byte mode, {0:1023} for Word mode lit14 14-bit unsigned literal ∈ {0...16384} lit16 16-bit unsigned literal ∈ {0...65535} lit23 23-bit unsigned literal ∈ {0...8388608}; LSB must be 0 None Field does not require an entry, may be blank OA, OB, SA, SB DSP Status bits: ACCA Overflow, ACCB Overflow, ACCA Saturate, ACCB Saturate PC Program Counter Slit10 10-bit signed literal ∈ {-512...511} Slit16 16-bit signed literal ∈ {-32768...32767} Slit6 6-bit signed literal ∈ {-16...16} |