| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC30F2012AT20I/SP Arkusz danych(PDF) 150 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012AT20I/SP Arkusz danych(HTML) 150 Page - Microchip Technology |
|
150 / 205 page ![]() dsPIC30F2011/2012/3012/3013 DS70139E-page 148 © 2006 Microchip Technology Inc. TABLE 20-6: DC CHARACTERISTICS: IDLE CURRENT (IIDLE) DC CHARACTERISTICS Standard Operating Conditions: 2.5V to 5.5V (unless otherwise stated) Operating temperature -40°C ≤ TA ≤ +85°C for Industrial -40°C ≤ TA ≤ +125°C for Extended Parameter No. Typical(1) Max Units Conditions Operating Current (IDD)(2) DC51a 1.3 2.5 mA 25°C 3.3V 0.128 MIPS LPRC ( 512 kHz) DC51b 1.3 2.5 mA 85°C DC51c 1.2 2.5 mA 125°C DC51e 3.2 5.0 mA 25°C 5V DC51f 2.9 5.0 mA 85°C DC51g 2.8 5.0 mA 125°C DC50a 3.0 5.0 mA 25°C 3.3V (1.8 MIPS) FRC (7.37 MHz) DC50b 3.0 5.0 mA 85°C DC50c 3.0 5.0 mA 125°C DC50e 6.0 9.0 mA 25°C 5V DC50f 5.8 9.0 mA 85°C DC50g 5.7 9.0 mA 125°C DC43a 5.2 8.0 mA 25°C 3.3V 4 MIPS DC43b 5.3 8.0 mA 85°C DC43c 5.4 8.0 mA 125°C DC43e 9.7 15.0 mA 25°C 5V DC43f 9.6 15.0 mA 85°C DC43g 9.5 15.0 mA 125°C DC44a 11.0 17.0 mA 25°C 3.3V 10 MIPS DC44b 11.0 17.0 mA 85°C DC44c 11.0 17.0 mA 125°C DC44e 19.0 29.0 mA 25°C 5V DC44f 19.0 29.0 mA 85°C DC44g 20.0 30.0 mA 125°C DC47a 20.0 35.0 mA 25°C 3.3V 20 MIPS DC47b 21.0 35.0 mA 85°C DC47d 35.0 50.0 mA 25°C 5V DC47e 36.0 50.0 mA 85°C DC47f 36.0 50.0 mA 125°C DC49a 51.0 70.0 mA 25°C 5V 30 MIPS DC49b 51.0 70.0 mA 85°C Note 1: Data in “Typical” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and are not tested. 2: Base IIDLE current is measured with Core off, Clock on and all modules turned off. |