| Zakładka z wyszukiwarką danych komponentów |
|
PM7367 Arkusz danych(PDF) 287 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Arkusz danych(HTML) 287 Page - PMC-Sierra, Inc |
|
287 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 273 Pin/ Enable Register Bit Cell Type Device I.D. TCLK[0] 7 IN_CELL - TD[0] 6 OUT_CELL - TD_OEN[0] 5 OUT_CELL - TDO TAP Output - TDI TAP Input - TCK TAP Clock - TMS TAP Input - TRSTB TAP Input - SYSCLK 4 IN_CELL - RBD 3 OUT_CELL - RBD_OEN 2 OUT_CELL - RBCLK 1 OUT_CELL - RBCLK_OEN 0 OUT_CELL - Notes: 1. RD[0] is the first bit of the scan chain (closest to TDI). 2. Enable cell pinname_OEN, tristates pin pinname when set high. |