| Zakładka z wyszukiwarką danych komponentów |
|
PM7367 Arkusz danych(PDF) 288 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Arkusz danych(HTML) 288 Page - PMC-Sierra, Inc |
|
288 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 274 Figure 16 – Input Observation Cell (IN_CELL) Input Pad D C CLOCK-DR Scan Chain Out INPUT to internal logic SHIFT-DR Scan Chain In 1 2 MUX 1 2 1 2 1 2 I.D. Code bit IDCODE G1 G2 In this diagram and those that follow, CLOCK-DR is equal to TCK when the current controller state is SHIFT-DR or CAPTURE-DR, and unchanging otherwise. The multiplexor in the center of the diagram selects one of four inputs, depending on the status of select lines G1 and G2. The ID Code bit is as listed in the table above. |