Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SKY77171 Arkusz danych(PDF) 3 Page - Skyworks Solutions Inc.

Numer części SKY77171
Szczegółowy opis  AutoSmart??Power Amplifier Module for WCDMA (1920-1980 MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77171 Arkusz danych(HTML) 3 Page - Skyworks Solutions Inc.

  SKY77171 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PA MODULE FOR WCDMA (1920-1980 MHZ)
SKY77171 • PRELIMINARY DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200014P2 • Skyworks Proprietary and Confidential information. • Products and product information are subject to change without notice. • October 14, 2005
3
Table 4. Electrical Specifications for WCDMA Nominal Operating Conditions (1)
Characteristics
Symbol
Condition
Minimum
Typical
Maximum
Unit
GLOW
PO = 0 dBm
23
GMID
PO = 16 dBm
26
Gain conditions
GHIGH
PO = 28 dBm
28
dB
PAELOW
PO = 0 dBm
0.8
%
Power Added Efficiency
PAEHIGH
PO = 28 dBm
41.0
ICC_LOW
PO = 0 dBm
35
Total Supply current
ICC_HIGH
PO = 28 dBm
450
mA
Quiescent current
IQ
No RF In
25
mA
Reference Current
IREF
1
mA
Total Supply current in Power-down Mode
IPD
VCC = 3.4 V
VREF = 0 V
3
µA
PO = 0 dBm
–45
5 MHz offset
ACP5
PO = 28 dBm
–41
PO = 0 dBm
–60
Adjacent Channel Power (2)
10 MHz offset
ACP10
PO = 28 dBm
–52
dBc
Second
f02
34.5
Harmonic Suppression
Third
f03
50.0
dBc
Noise Power in RX Band 2110-2170 MHz
RxBN
PO
≤ 28 dBm
–141
dBm/Hz
Noise Figure
NF
4
dB
Input Voltage Standing Wave Ratio (VSWR)
VSWR
1.5:1
Stability (Spurious output)
S
5:1 VSWR
All phases
–70
dBc
Ruggedness (3)
Ru
PO
≤ 28 dBm
10:1
VSWR
(1) Unless specified otherwise: VCC = +3.4 V, VREF = +2.85 V, Temp = +25 °C, Freq. = 1950 MHz.
(2) ACP is expressed as a ratio of total adjacent power to WCDMA modulated in-band, both measured in 3.84 MHz bandwidth at specified offsets.
(3) All phases, time = 10 seconds.



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com