Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SKY77171 Arkusz danych(PDF) 7 Page - Skyworks Solutions Inc.

Numer części SKY77171
Szczegółowy opis  AutoSmart??Power Amplifier Module for WCDMA (1920-1980 MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77171 Arkusz danych(HTML) 7 Page - Skyworks Solutions Inc.

  SKY77171 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PA MODULE FOR WCDMA (1920-1980 MHZ)
SKY77171 • PRELIMINARY DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200014P2 • Skyworks Proprietary and Confidential information. • Products and product information are subject to change without notice. • October 14, 2005
7
Figure 6. Pad Names and Configuration (Top View)
200014_006
SKY77171-NN
SKY77171-NN
EXXXXX.XX
EXXXXX.XX
YYWW MEX
YYWW MEX
Revision
Number
Pin 1
Identifier
Lot
Number
Country
Code
Part
Number
Year of
Manufacture
Week
Package
Sealed
Figure 7. Typical Case Markings
Package and Handling Information
Because of its sensitivity to moisture absorption, this device
package is baked and vacuum-packed prior to shipment.
Instructions on the shipping container label must be followed
regarding exposure to moisture after the container seal is broken,
otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SKY77171 is capable of withstanding an MSL3/250 °C solder
reflow. Care must be taken when attaching this product, whether
it is done manually or in a production solder reflow environment. If
the part is attached in a reflow oven, the temperature ramp rate
should not exceed 3 °C per second; maximum temperature should
not exceed 250 °C. If the part is manually attached, precaution
should be taken to insure that the part is not subjected to
temperatures exceeding 250 °C for more than 10 seconds. For
details on attachment techniques, precautions, and handling
procedures recommended by Skyworks, please refer to Skyworks
Application Note: PCB Design and SMT Assembly/Rework,
Document Number 101752. Additional information on standard
SMT reflow profiles can also be found in the JEDEC Standard
J-STD-020B.
Production quantities of this product are shipped in the standard
tape-and-reel format. For packaging details, refer to Skyworks
Application Note: Tape and Reel Information – RF Modules,
Document Number 101568.
Electrostatic Discharge Sensitivity
The SKY77171 is a Class 2 device. Figure 8 lists the Electrostatic
Discharge (ESD) immunity level for each non-ground pad of the
SKY77171 product. The numbers in Figure 8 specify the ESD
threshold level for each pad where the I-V curve between the pad
and ground starts to show degradation.
The ESD testing was performed in compliance with MIL-STD-883E
Method 3015.7 using the Human Body Model. If ESD damage
threshold magnitude is found to consistently exceed 2000 volts on
a given pad, this so is indicated. If ESD damage threshold below
2000 volts is measured for either polarity, numbers are indicated
that represent worst case values observed in product
characterization.
Various failure criteria can be utilized when performing ESD
testing. Many vendors employ relaxed ESD failure standards,
which fail devices only after “the pad fails the electrical
specification limits” or “the pad becomes completely
non-functional”. Skyworks employs most stringent criteria and
fails devices as soon as the pad begins to show any degradation
on a curve tracer.
To avoid ESD damage, both latent and visible, it is very important
that the product assembly and test areas follow the Class-1 ESD
handling precautions listed in Table 5.
Figure 8. ESD Sensitivity of Non-ground Pads (Top View)



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com