Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SKY77171 Arkusz danych(PDF) 6 Page - Skyworks Solutions Inc.

Numer części SKY77171
Szczegółowy opis  AutoSmart??Power Amplifier Module for WCDMA (1920-1980 MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77171 Arkusz danych(HTML) 6 Page - Skyworks Solutions Inc.

  SKY77171 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SKY77171 • PRELIMINARY DATA SHEET
PA MODULE FOR WCDMA (1920-1980 MHZ)
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
October 14, 2005 • Skyworks Proprietary and Confidential information. • Products and product information are subject to change without notice. • 200014P2
0.4
0.85 TYP
1.4
4.4
2.5
0.7
STENCIL APERTURE
TOP VIEW
APPROACH 1
0.4
0.85 TYP
0.25
4.4
METALLIZATION
TOP VIEW
0.7
0.5
0.6
0.85 TYP
2
4.5
3.5
0.8
SOLDER MASK OPENING
TOP VIEW
0.7
0.4
0.85 TYP
0.65
0.9
0.2
4.4
STENCIL APERTURE
TOP VIEW
APPRAOCH 2
Component
Outline
Thermal Via Array
Ø0.3 mm on 0.6 mm Pitch.
Additional Vias will improve
thermal performance.
NOTE: Thermal vias should
be tented and filled with
solder mask, 30–35 µm Cu
plating recommended.
200014_005
All dimensions are in millimeters.
Figure 5. Phone PCB Layout for 4 x 4 mm, 10-Pad Package – SKY77171



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com