Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AG Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części STM32H562AG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AG Arkusz danych(HTML) 2 Page - STMicroelectronics

  STM32H562AG Datasheet HTML 1Page - STMicroelectronics STM32H562AG Datasheet HTML 2Page - STMicroelectronics STM32H562AG Datasheet HTML 3Page - STMicroelectronics STM32H562AG Datasheet HTML 4Page - STMicroelectronics STM32H562AG Datasheet HTML 5Page - STMicroelectronics STM32H562AG Datasheet HTML 6Page - STMicroelectronics STM32H562AG Datasheet HTML 7Page - STMicroelectronics STM32H562AG Datasheet HTML 8Page - STMicroelectronics STM32H562AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 270 page
background image
STM32H562xx and STM32H563xx
2/270
DS14258 Rev 5
• HASH hardware accelerator
• ECDSA signature verification
• True random number generator, NIST
SP800-90B compliant
• 96-bit unique ID
• Active tampers
Two DMA controllers to offload the CPU
• Two dual-port DMAs with FIFO
Mathematical acceleration
• CORDIC for trigonometric functions
acceleration
• FMAC (filter mathematical accelerator)
Reset and supply management
• 1.71 V to 3.6 V application supply and I/O
• POR, PDR, PVD, and BOR
• Embedded regulator (LDO) or SMPS step-
down converter regulator with configurable
scalable output to supply the digital circuitry
Up to 24 timers
• 18 16-bit timers (including six low-power
16-bit timers available in Stop mode)
• Two 32-bit timers with up to four IC/OC/PWM
or pulse counters and quadrature (incremental)
encoder input
• Two watchdogs
• Two SysTick timers
Up to 34 communication interfaces
• Up to four I2Cs Fm+ (SMBus/PMBus®)
• One I3C
• Up to 12 U(S)ARTs (ISO7816 interface, LIN,
IrDA, modem control) and one LPUART
• Up to six SPIs, including three muxed in
full-duplex I2S audio class accuracy via
internal audio PLL or external clock, and up to
five additional SPIs from five USARTs when
configured in Synchronous mode (one
additional SPI with OctoSPI)
• Two SAIs
• Two FDCANs
• One 8- to 14-bit camera interface
• One 16-bit parallel slave synchronous-
interface
• One HDMI-CEC
• One Ethernet MAC interface with DMA
controller
• One USB 2.0 full-speed host and device
• One USB Type-C®/USB Power Delivery r3.1
Analog
• Two 12-bit ADCs with up to 5 Msps in 12-bit
• One 12-bit DAC with two channels
• Digital temperature sensor
Debug
• Authenticated debug and flexible device life
cycle
• Serial wire-debug (SWD), JTAG, Embedded
Trace Macrocell™ (ETM)
ECOPACK2 compliant packages
Table 1. Device summary
Reference
Part numbers
STM32H562xx
STM32H562AG, STM32H562AI, STM32H562IG, STM32H562II, STM32H562RG,
STM32H562RI, STM32H562VG, STM32H562VI, STM32H562ZG, STM32H562ZI
STM32H563xx
STM32H563AG, STM32H563AI, STM32H563IG, STM32H563II, STM32H563MI,
STM32H563RG, STM32H563RI, STM32H563VG, STM32H563VI, STM32H563ZG,
STM32H563ZI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com