Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AG Arkusz danych(PDF) 39 Page - STMicroelectronics

Numer części STM32H562AG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AG Arkusz danych(HTML) 39 Page - STMicroelectronics

Back Button STM32H562AG Datasheet HTML 35Page - STMicroelectronics STM32H562AG Datasheet HTML 36Page - STMicroelectronics STM32H562AG Datasheet HTML 37Page - STMicroelectronics STM32H562AG Datasheet HTML 38Page - STMicroelectronics STM32H562AG Datasheet HTML 39Page - STMicroelectronics STM32H562AG Datasheet HTML 40Page - STMicroelectronics STM32H562AG Datasheet HTML 41Page - STMicroelectronics STM32H562AG Datasheet HTML 42Page - STMicroelectronics STM32H562AG Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 270 page
background image
DS14258 Rev 5
39/270
STM32H562xx and STM32H563xx
Functional overview
62
•
256 x 16-bit local memory
•
Up to three areas can be defined in memory for data buffers (two input, one output),
defined by programmable base address pointers and associated size registers
•
Input and output buffers can be circular
•
Filter functions: FIR, IIR (direct form 1)
•
Vector functions: dot product, convolution, correlation
•
AHB slave interface
•
DMA read and write data channels
3.21
Flexible memory controller (FMC)
The FMC includes three memory controllers:
•
NOR/PSRAM memory controller
•
NAND memory controller
•
SDRAM memory controller
The main features of the FMC controller are the following:
•
Interface with static-memory mapped devices including:
–
Static random access memory (SRAM)
–
NOR flash memory/OneNAND flash memory
–
PSRAM (four memory banks)
–
NAND flash memory with ECC hardware to check up to 8 Kbytes of data
–
Ferroelectric RAM (FRAM, FeRAM)
•
Interface with synchronous DRAM (SDRAM/Mobile LPSDR SDRAM)
•
8-,16- bit data bus width
•
Independent chip select control for each memory bank
•
Independent configuration for each memory bank
•
Write FIFO
3.21.1
LCD parallel interface
The FMC can be configured to interface seamlessly with most graphic LCD controllers. It
supports the Intel® 8080 and Motorola® 6800 modes, and is flexible enough to adapt to
specific LCD interfaces.
This LCD parallel interface capability makes it easy to build cost effective graphic
applications using LCD modules with embedded controllers or high-performance solutions
using external controllers with dedicated acceleration.
3.21.2
FMC TrustZone security
When the TrustZone security is enabled, the whole FMC banks are secure after reset.
Nonsecure area can be configured using the TZSC MPCWMx controller.
•
The FMC NOR/PSRAM bank:
–
Up to two nonsecure area can be configured thought the TZSC MPCWM2
controller with a 64-Kbyte granularity
•
The FMC NAND bank:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com