Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AG Arkusz danych(PDF) 21 Page - STMicroelectronics

Numer części STM32H562AG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AG Arkusz danych(HTML) 21 Page - STMicroelectronics

Back Button STM32H562AG Datasheet HTML 17Page - STMicroelectronics STM32H562AG Datasheet HTML 18Page - STMicroelectronics STM32H562AG Datasheet HTML 19Page - STMicroelectronics STM32H562AG Datasheet HTML 20Page - STMicroelectronics STM32H562AG Datasheet HTML 21Page - STMicroelectronics STM32H562AG Datasheet HTML 22Page - STMicroelectronics STM32H562AG Datasheet HTML 23Page - STMicroelectronics STM32H562AG Datasheet HTML 24Page - STMicroelectronics STM32H562AG Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 270 page
background image
DS14258 Rev 5
21/270
STM32H562xx and STM32H563xx
Functional overview
62
•
Supported cache accesses:
–
supports both write-back and write-through policies (selectable with AHB
bufferable attribute)
–
read and write-back always allocated
–
write-through always non-allocated (write-around)
–
supports byte, half-word and word writes
•
TrustZone security support
•
Maintenance operations for software management of cache coherency:
–
full cache invalidation (non interruptible)
–
address range clean and/or invalidate operations (background task, interruptible)
•
Error management: detection of error for master port request initiated by DCACHE (line
eviction or clean operation), with optional interrupt raising
3.3
Memory protection unit
The memory protection unit (MPU) is used to manage the CPU accesses to the memory
and to prevent one task to accidentally corrupt the memory or the resources used by other
active tasks. This memory area is organized into up to 20 protected areas (12 secure and 8
nonsecure). The MPU regions and registers are banked across secure and nonsecure
states.
The MPU is especially helpful for applications where critical or certified code must be
protected against the misbehavior of other tasks. It is usually managed by an RTOS
(real-time operating system).
If a program accesses a memory location prohibited by the MPU, the RTOS can detect it
and take action. In an RTOS environment, the kernel can dynamically update the MPU area
settings based on the process to be executed.
3.4
Embedded flash memory
The devices feature up to 2 Mbytes of embedded flash memory for storing programs and
data. The flash memory supports a high-cycle data area of up to 100 K cycles.
The flash memory interface features dual-bank operating modes, and read-while-write
(RWW). This allows a read operation to be performed on one bank while an erase or
program operation is performed on the other bank. Each bank contains 128 8-Kbyte pages.
The flash memory embeds a 2-Kbyte OTP (one-time programmable) for user data, and up
to 96 Kbytes supporting high cycling capability (100 K cycles), to use for data (EEPROM
emulation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com