Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562IG Arkusz danych(PDF) 22 Page - STMicroelectronics

Numer części STM32H562IG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG Arkusz danych(HTML) 22 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 18Page - STMicroelectronics STM32H562IG Datasheet HTML 19Page - STMicroelectronics STM32H562IG Datasheet HTML 20Page - STMicroelectronics STM32H562IG Datasheet HTML 21Page - STMicroelectronics STM32H562IG Datasheet HTML 22Page - STMicroelectronics STM32H562IG Datasheet HTML 23Page - STMicroelectronics STM32H562IG Datasheet HTML 24Page - STMicroelectronics STM32H562IG Datasheet HTML 25Page - STMicroelectronics STM32H562IG Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
22/270
DS14258 Rev 5
Option bytes are available to set the flash memory protection mechanisms:
•
Different product states for protecting memory content from debug access
•
Write protection (WRP) to protect areas against erasing and programming. Two areas
per bank can be selected with 8-Kbyte granularity.
•
Sector group write-protection (WRPSG), protecting up to 32 groups of four sectors
(32 Kbytes) per bank
•
Two secure-only areas (one per user flash memory bank). When enabled, this area is
accessible only if the device operates in Secure-access mode
•
One HDP area per bank providing temporal isolation for startup code
The whole non-volatile memory embeds the error correction code (ECC) feature supporting:
•
Single-error detection and correction
•
Double-error detection
•
ECC fail address report
3.4.1
FLASH security and protections
Sensitive information is stored in the flash memory and it is important to protect the memory
against unwanted operations such as reading confidential areas, illegal programming of
immutable sectors, or malicious flash memory erasing.
For that purpose the following protection mechanisms are implemented:
•
TrustZone backed watermark and block security protection
•
Temporal isolation protection (HDP)
•
Configuration protection
•
User flash memory write protection
•
Device non-volatile security life cycle and application boot state management
•
OTP locking
Refer to the product reference manual for a detailed description of the security mechanisms.
3.4.2
FLASH privilege protection
Each flash memory sector can be programmed on the fly as privileged or unprivileged.
3.5
Embedded SRAMs
Four SRAMs are embedded in the STM32H562xx and STM32H563xx devices, each with
specific features. SRAM1, SRAM2, and SRAM3 are the main SRAMs.
These SRAMs are made of several blocks that can be powered down in Stop mode to
reduce consumption:
•
SRAM1: 256 Kbytes
•
SRAM2: 64 Kbytes with ECC
•
SRAM3: 320 Kbytes with optional ECC (when enabled, 64 bytes are reserved for it)
•
BKPSRAM (backup SRAM): 4 Kbytes with optional ECC, can be retained in all low-
power modes and when VDD is off in VBAT mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com