Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562IG Arkusz danych(PDF) 36 Page - STMicroelectronics

Numer części STM32H562IG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG Arkusz danych(HTML) 36 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 32Page - STMicroelectronics STM32H562IG Datasheet HTML 33Page - STMicroelectronics STM32H562IG Datasheet HTML 34Page - STMicroelectronics STM32H562IG Datasheet HTML 35Page - STMicroelectronics STM32H562IG Datasheet HTML 36Page - STMicroelectronics STM32H562IG Datasheet HTML 37Page - STMicroelectronics STM32H562IG Datasheet HTML 38Page - STMicroelectronics STM32H562IG Datasheet HTML 39Page - STMicroelectronics STM32H562IG Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
36/270
DS14258 Rev 5
•
Per channel event generation, on any of the following events: transfer complete or half
transfer complete or data transfer error or user setting error, and/or update linked-list
item error or completed suspension
•
Per channel interrupt generation, with separately programmed interrupt enable per
event
•
Eight concurrent DMA channels:
–
Per channel FIFO for queuing source and destination transfers
–
Intra-channel DMA transfers chaining via programmable linked-list into memory,
supporting two execution modes: run-to-completion and link step mode
–
Intra-channel and inter-channel DMA transfers chaining via programmable DMA
input triggers connection to DMA task completion events
•
Per linked-list item within a channel:
–
Separately programmed source and destination transfers
–
Programmable data handling between source and destination: byte-based
reordering, packing or unpacking, padding or truncation, sign extension and
left/right realignment
–
Programmable number of data bytes to be transferred from the source, defining
the block level
–
12 channels with linear source and destination addressing: either fixed or
contiguously incremented addressing, programmed at a block level, between
successive single transfers
–
Four channels with 2D source and destination addressing: programmable signed
address offsets between successive burst transfers (non-contiguous addressing
within a block, combined with programmable signed address offsets between
successive blocks, at a second 2D/repeated block level)
–
Support for scatter-gather (multi-buffer transfers), data interleaving and
de-interleaving via 2D addressing
–
Programmable DMA request and trigger selection
–
Programmable DMA half-transfer and transfer complete events generation
–
Pointer to the next linked-list item and its data structure in memory, with automatic
update of the DMA linked-list control registers
•
Debug:
–
Channel suspend and resume support
–
Channel status reporting including FIFO level and event flags
•
TrustZone support:
–
Support for secure and nonsecure DMA transfers, independently at a first channel
level, and independently at a source/destination and link sub-levels
–
Secure and nonsecure interrupts reporting, resulting from any of the respectively
secure and nonsecure channels
–
TrustZone-aware AHB slave port, protecting any DMA secure resource (register,
register field) from a nonsecure access
•
Privileged/unprivileged support:
–
Support for privileged and unprivileged DMA transfers, independently at a channel
level
–
Privileged-aware AHB slave port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com