Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562IG Arkusz danych(PDF) 40 Page - STMicroelectronics

Numer części STM32H562IG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG Arkusz danych(HTML) 40 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 36Page - STMicroelectronics STM32H562IG Datasheet HTML 37Page - STMicroelectronics STM32H562IG Datasheet HTML 38Page - STMicroelectronics STM32H562IG Datasheet HTML 39Page - STMicroelectronics STM32H562IG Datasheet HTML 40Page - STMicroelectronics STM32H562IG Datasheet HTML 41Page - STMicroelectronics STM32H562IG Datasheet HTML 42Page - STMicroelectronics STM32H562IG Datasheet HTML 43Page - STMicroelectronics STM32H562IG Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
40/270
DS14258 Rev 5
–
Can be either configured as fully secure or fully nonsecure using the TZSC
MPCWM3 controller
The FMC registers can be configured as secure through the TZSC controller.
3.22
Octo-SPI interface (OCTOSPI)
The OCTOSPI supports most external serial memories such as serial PSRAMs, serial
NAND and serial NOR flash memories, HyperRAMs™ and HyperFlash™ memories, with
the following functional modes:
•
Indirect mode: all the operations are performed using the OCTOSPI registers.
•
Status-polling mode: the external memory status register is periodically read and an
interrupt can be generated in case of flag setting.
•
Memory-mapped mode: the external memory is memory mapped and is seen by the
system as if it were an internal memory supporting read and write operation.
The OCTOSPI supports the following protocols with associated frame formats:
•
the standard frame format with the command, address, alternate byte, dummy cycles
and data phase
•
the HyperBus™ frame format
The OCTOSPI offers the following features:
•
Three functional modes: Indirect, Status-polling, and Memory-mapped
•
Read and write support in Memory-mapped mode
•
Supports for single, dual, quad and octal communication
•
Dual-quad mode, where eight bits can be sent/received simultaneously by accessing
two quad memories in parallel.
•
SDR (single-data rate) and DTR (double-transfer rate) support
•
Data strobe support
•
Fully programmable opcode
•
Fully programmable frame format
•
HyperBus support
•
Integrated FIFO for reception and transmission
•
8-, 16-, and 32-bit data accesses allowed
•
DMA channel for Indirect mode operations
•
Interrupt generation on FIFO threshold, timeout, operation complete, and access error
3.22.1
OCTOSPI TrustZone security
When the TrustZone security is enabled, the whole OCTOSPI bank is secure after reset.
Up to two nonsecure area can be configured thought the TZSC MPCWM1 controller with a
granularity of 64 Kbytes.
The OCTOSPI registers can be configured as secure through the TZSC controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com