Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 126 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 126 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 122Page - STMicroelectronics STM32H562RG Datasheet HTML 123Page - STMicroelectronics STM32H562RG Datasheet HTML 124Page - STMicroelectronics STM32H562RG Datasheet HTML 125Page - STMicroelectronics STM32H562RG Datasheet HTML 126Page - STMicroelectronics STM32H562RG Datasheet HTML 127Page - STMicroelectronics STM32H562RG Datasheet HTML 128Page - STMicroelectronics STM32H562RG Datasheet HTML 129Page - STMicroelectronics STM32H562RG Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
126/270
DS14258 Rev 5
VDDIO2
PB8, PB9, PD6, PD7,
PG[9:14] I/Os supply
voltage
At least one I/O in PB8, PB9, PD6, PD7,
PG[9:14] is used, HSLV(1) = 0
1.08
-
3.6
V
At least one I/O in PB8, PB9, PD6, PD7,
PG[9:14] is used, HSLV(1) = 1
1.08
-
2.7
PB8, PB9, PD6, PD7, PG[9:14] are not used
0
3.6
VDDUSB USB supply voltage
USB is used
3.0
-
3.6
V
USB is not used
0
-
3.6
VDDA
Analog supply voltage
ADC is used
1.62
-
3.6
V
DAC is used
1.8
-
VREFBUF is used
2.1
-
ADC, DAC, and VREFBUF are not used
0
-
VBAT
Backup domain
supply voltage
-1.2
-
3.6
V
VIN
I/O input voltage
All I/Os except FT_c and TT_xx
-0.3
-
min (min
(VDD,
VDDA,
VDDUSB,
VDDIO2)
+ 3.6V,
5.5 V)
(3)(4)
V
Input voltage on FT_t in VBAT mode
-0.3
-
min (min
(VBAT,
VDDA,
VDDUSB,
VDDIO2)
+ 3.6 V,
5.5 V)
(3)(4)
FT_c I/O
-0.3
-
5.0
TT_xx I/O
-0.3
-
VDDIOx +
0.3
Table 20. General operating conditions (continued)
Symbol
Parameter
Operating conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com