Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 128 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 128 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 124Page - STMicroelectronics STM32H562RG Datasheet HTML 125Page - STMicroelectronics STM32H562RG Datasheet HTML 126Page - STMicroelectronics STM32H562RG Datasheet HTML 127Page - STMicroelectronics STM32H562RG Datasheet HTML 128Page - STMicroelectronics STM32H562RG Datasheet HTML 129Page - STMicroelectronics STM32H562RG Datasheet HTML 130Page - STMicroelectronics STM32H562RG Datasheet HTML 131Page - STMicroelectronics STM32H562RG Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
128/270
DS14258 Rev 5
PD
Power dissipation at
TA = 125 °C
for suffix 3 version(6)
LQFP100
See Table 140 for
appropriate thermal
resistance and package.
Power dissipation is
calculated according to
ambient temperature
(TA), maximum junction
temperature (TJ), and
selected thermal
resistance.
mW
LQFP144
LQFP176
UFBGA169
UFBGA176
WLCSP80
TA
Ambient temperature
for the suffix 3 version
Maximum power dissipation
-40
-
125
°C
Ambient temperature
for the suffix 6 version
Maximum power dissipation
-40
-
85
In LDO bypass mode
-40
-
125
Ambient temperature
for the suffix 7 version
Maximum power dissipation
-40
-
105
In LDO bypass mode
-40
-
125
TJ
Junction temperature
range
VOS0
-40
-
105
°C
VOS1, VOS2, and VOS3
-40
-
130
1. HSLV = High-speed low-voltage mode. Refer to General-purpose I/Os (GPIO) section of RM0481.
2. When RESET is released functionality is guaranteed down to BOR level 0 minimum voltage.
3. This formula must be applied on power supplies related to the I/O structure described by the pin definition table. Maximum
I/O input voltage is the smallest value between min (VDD, VDDA, VDDIO2) + 3.6 V and 5.5 V.
4. For operation with voltages higher than min (VDD, VDDA, VDDIO2) + 0.3V, the internal pull-up and pull-down resistors must
be disabled.
5. In VOS0 mode the max TJ is 105 °C.
6. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Table 19).
Table 20. General operating conditions (continued)
Symbol
Parameter
Operating conditions
Min
Typ
Max
Unit
Table 21. Maximum allowed clock frequencies
Symbol(1)(2)
Parameter
VOS0
VOS1
VOS2
VOS3
Unit
fCPU
CPU
250
200
150
100
MHz
fHCLK
AHB
250
200
150
100
fPCLK
APB
250
200
150
100
-
FMC
250
200
150
100
foctospi_ker_ck OCTOSPI[1:2]
250
200
150
100
fsdmmc_ker_ck SDMMC[1:2]
250
200
150
100
-HDMI_CEC
4
4
4
4
ffdcan_ker_ck
FDCAN
250
200
150
100
fI2C_ker_ck
I2C[1:4]
250
200
150
100
fI3C_ker_ck
I3C
250
200
150
100
flptim_ker_ck
LPTIM[1:6]
250
200
150
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com