Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 157 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 157 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 153Page - STMicroelectronics STM32H562RG Datasheet HTML 154Page - STMicroelectronics STM32H562RG Datasheet HTML 155Page - STMicroelectronics STM32H562RG Datasheet HTML 156Page - STMicroelectronics STM32H562RG Datasheet HTML 157Page - STMicroelectronics STM32H562RG Datasheet HTML 158Page - STMicroelectronics STM32H562RG Datasheet HTML 159Page - STMicroelectronics STM32H562RG Datasheet HTML 160Page - STMicroelectronics STM32H562RG Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 270 page
background image
DS14258 Rev 5
157/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
5.3.12
EMC characteristics
Susceptibility tests are performed on a sample basis during device characterization.
Functional EMS (electromagnetic susceptibility)
While a simple application is executed (toggling two LEDs through I/O ports), the device is
stressed by two electromagnetic events until a failure occurs. The failure is indicated by the
LEDs:
•
Electrostatic discharge (ESD), positive and negative, is applied to all device pins until
a functional disturbance occurs. This test is compliant with the IEC 61000-4-2 standard.
•
FTB: A burst of fast transient voltage (positive and negative) is applied to VDD and VSS
through a 100 pF capacitor, until a functional disturbance occurs. This test is compliant
with the IEC 61000-4-4 standard.
A device reset allows to resume normal operation.
The test results are given in Table 53. They are based on the EMS levels and classes
defined in AN1709 “EMC design guide for STM8, STM32 and legacy MCUs”.
As a consequence, it is recommended to add a serial resistor (1 kΩ), located as close as
possible to the MCU, to the pins exposed to noise (connected to tracks longer than 50 mm
on PCB).
1. Data are valid for program memory and high-cycling data memory.
2. Specified by design - Not tested in production.
Table 52. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Min(1)
Unit
NPEND Endurance program memory
TJ = -40 to +130 °C
10
kcycles
NDEND Endurance data memory
TJ = -40 to +130 °C
100
tPRET
Program memory, data retention
1 kcycle at TA = 125 °C
10
Years
1 kcycles at TA = 85 °C
30
10 kcycles at TA = 55 °C
30
tDRET
Data retention for data memory
100 kcycle at TA = 125 °C
1
100 kcycles at TA = 85 °C
10
100 kcycles at TA = 55 °C
10
1. Evaluated by characterization - Not tested in production, unless otherwise specified.
Table 53. EMS characteristics
Symbol
Parameter
Conditions
Level/Class
VFESD
Voltage limits to apply on any I/O pin to
induce a functional disturbance
VDD = 3.3 V, TA = 25 °C,
LQFP176-SMPS,
frcc_cpu_ck = 250 MHz,
conform to IEC 61000-4-2
2B
VFTB
Fast transient voltage burst limits to apply
through 100 pF on VDD and VSS pins to
induce a functional disturbance
5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com