Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 160 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 160 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 156Page - STMicroelectronics STM32H562RG Datasheet HTML 157Page - STMicroelectronics STM32H562RG Datasheet HTML 158Page - STMicroelectronics STM32H562RG Datasheet HTML 159Page - STMicroelectronics STM32H562RG Datasheet HTML 160Page - STMicroelectronics STM32H562RG Datasheet HTML 161Page - STMicroelectronics STM32H562RG Datasheet HTML 162Page - STMicroelectronics STM32H562RG Datasheet HTML 163Page - STMicroelectronics STM32H562RG Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
160/270
DS14258 Rev 5
limit (higher than 5 LSB TUE), out of conventional limits (-5 / +0 µA range) of induced
leakage current on adjacent pins, or other functional failures (such as reset, oscillator
frequency deviation).
The following table shows I/Os current injection susceptibility data. Negative/positive
induced leakage currents are caused, respectively, by negative/positive injection.
5.3.15
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 58 are derived from tests
performed under the conditions summarized in Table 20. All I/Os are CMOS and TTL
compliant (except for BOOT0).
Note:
For information on GPIO configuration, refer to AN4899 “STM32 GPIO configuration for
hardware settings and low-power consumption”, available on www.st.com.
Table 57. I/O current injection susceptibility(1)
1. Evaluated by characterization - Not tested in production.
Symbol
Description
Functional susceptibility
Unit
Negative
injection
Positive
injection
IINJ
Injected current on pins PA4, PA5, PB2, PB12,
PC14, PC15, PD8, and PH2
00
mA
Injected current on all other pins
5
N/A
Table 58. I/O static characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
I/O input low level voltage
except BOOT0
1.08 V < VDD < 3.6 V
-
-
0.3 VDDIOx(2)
V
I/O input low level voltage
except BOOT0
-
-
0.4 VDDIOx - 0.1(3)
BOOT0 I/O input low level
voltage
--
0.19 VDDIOx + 0.1(3)
VIH
I/O input high level
voltage except BOOT0
1.08 V < VDD < 3.6 V
0.7 VDDIOx(2)
--
V
I/O input high level
voltage except BOOT0
0.52 VDDIOx +
0.18(3)
--
BOOT0 I/O input high
level voltage
0.17 VDDIOx +
0.6(3)
--
VHYS(3)
TT_xx, FT_xxx and NRST
I/O input hysteresis
1.08 V < VDD < 3.6 V
-
250
-
mV
BOOT0 I/O input
hysteresis
1.71 V < VDD < 3.6 V
-
200
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com