Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 195 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 195 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 191Page - STMicroelectronics STM32H562RG Datasheet HTML 192Page - STMicroelectronics STM32H562RG Datasheet HTML 193Page - STMicroelectronics STM32H562RG Datasheet HTML 194Page - STMicroelectronics STM32H562RG Datasheet HTML 195Page - STMicroelectronics STM32H562RG Datasheet HTML 196Page - STMicroelectronics STM32H562RG Datasheet HTML 197Page - STMicroelectronics STM32H562RG Datasheet HTML 198Page - STMicroelectronics STM32H562RG Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 270 page
background image
DS14258 Rev 5
195/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
5.3.19
Octo-SPI interface characteristics
Unless otherwise specified, the parameters given in Table 88 and Table 89 are derived from
tests performed under the ambient temperature, fHCLK frequency and VDD supply voltage
conditions summarized in Table 20, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5 VDD
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
VOS level set to VOS0
Refer to Section 5.3.15 for more details on the input/output alternate function
characteristics.
Figure 47. OCTOSPI SDR read/write timing diagram
Table 88. OCTOSPI characteristics in SDR mode(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max(3)
Unit
F(CLK) Clock frequency
1.71 V < VDD < 1.9 V,
CL = 15 pF
--
110
MHz
1.71 V < VDD < 3.6 V,
CL =15 pF
--
150
tw(CLKH) Clock high and low time,
even division
PRESCALER[7:0] = n
(= 0, 1, 3, 5,..., 255)
t(CLK) / 2 - 0.5
-
t(CLK) / 2 + 0.5
ns
tw(CLKL)
t(CLK) / 2 - 0.5
-
t(CK) / 2 + 0.5
tw(CLKH)
Clock high and low time,
odd division
PRESCALER[7:0] = n
(= 2, 4, 6, ..., 254)
(n / 2) * t(CLK) /
(n + 1) - 0.5
-
(n / 2) * t(CLK) /
(n + 1) + 0.5
tw(CLKL)
(n / 2 + 1) * t(CLK) /
(n + 1) - 0.5
-
(n / 2 + 1) * t(CLK) /
(n + 1) + 0.5
ts(IN)
Data input setup time
-
4
-
-
th(IN)
Data input hold time
-
1
-
-
tv(OUT) Data output valid time
-
-
0.5
1
th(OUT) Data output hold time
-
0
-
-
1. All values apply to Octal- and Quad-SPI mode.
2. Evaluated by characterization - Not tested in production.
3. At VOS1 these values are degraded by up to 5%.
MSv36878V3
Data output
D0
D1
D2
Clock
Data input
D0
D1
D2
t(CLK)
tw(CLKH)
tw(CLKL)
tr(CLK)
tf(CLK)
ts(IN)
th(IN)
tv(OUT)
th(OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com