Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 199 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 199 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 195Page - STMicroelectronics STM32H562RG Datasheet HTML 196Page - STMicroelectronics STM32H562RG Datasheet HTML 197Page - STMicroelectronics STM32H562RG Datasheet HTML 198Page - STMicroelectronics STM32H562RG Datasheet HTML 199Page - STMicroelectronics STM32H562RG Datasheet HTML 200Page - STMicroelectronics STM32H562RG Datasheet HTML 201Page - STMicroelectronics STM32H562RG Datasheet HTML 202Page - STMicroelectronics STM32H562RG Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 270 page
background image
DS14258 Rev 5
199/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Figure 51. OCTOSPI HyperBus write
5.3.20
Delay block (DLYB) characteristics
Unless otherwise specified, the parameters given in Table 91 are derived from tests
performed under the ambient temperature, fHCLK frequency and VDD supply voltage
summarized in Table 20, with the following configuration:
5.3.21
DCMI interface characteristics
Unless otherwise specified, the parameters given in Table 92 are derived from tests
performed under the ambient temperature, fHCLK frequency and VDD supply voltage
summarized in Table 20, with the following configuration:
•
DCMI_PIXCLK polarity: falling
•
DCMI_VSYNC and DCMI_HSYNC polarity: high
•
Data formats: 14 bits
•
Capacitive load CL = 30 pF
•
Measurement points done at CMOS levels: 0.5 VDD
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling VOS0 selected
MSv47734V3
NCS
Access latency
Latency count
Command address
47:40
39:32
31:24
23:16
15:8
7:0
Dn
A
Dn
B
Dn+1
A
Dn+1
B
Host drives DQ[7:0] and the memory drives RWDS.
Host drives DQ[7:0] and RWDS.
CLK, NCLK
RWDS
DQ[7:0]
tw(CS)
tv(RWDS)
tv(CLK)
th(CLK)
High = 2x latency count
Low = 1x latency count
Read write recovery
th(OUT)
tv(OUT)
th(OUT)
tv(OUT)
th(OUT)
tv(OUT)
Table 91. Delay block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tinit
Initial delay
-
750
1100
1700
ps
t∆
Unit delay
-
38
44
54
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com