| Zakładka z wyszukiwarką danych komponentów |
|
TMP93CS40 Arkusz danych(PDF) 69 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 Arkusz danych(HTML) 69 Page - Toshiba Semiconductor |
|
69 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-67 3.5.5 Port 4 (P40 to P42) Port 4 is a 3-bit general-purpose I/O port. I/O can be set on a bit basis using control register P4CR and function register P4FC. Resetting does the following: - Sets the P40 and P41 output latch registers to 1. - Resets all bits of the P42 output latch register, the control register P4CR, and the function register P4FC to 0. - Sets P40 and P41 to input mode and connects a pull-up resistor. - Sets P42 to input mode and connects a pull-down resistor. In addition to functioning as a general-purpose I/O port, port 4 also functions as a chip select output signal ( CS0 to CS2 or 0 CAS to 2 CAS ). |