| Zakładka z wyszukiwarką danych komponentów |
|
TMP93CS40 Arkusz danych(PDF) 81 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 Arkusz danych(HTML) 81 Page - Toshiba Semiconductor |
|
81 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-79 Figure 3.5.21 Ports 90 and 93 (2) Port 91, 94 (RXD0, RXD1) Ports 91 and 94 are I/O ports, and are also used as RXD input pins for serial channels. Figure 3.5.22 Ports 91 and 94 Programmable pull-up resistor P-ch Reset S Output latch P91 (RXD0) P94 (RXD1) P9 write P9 read Direction control (on bit basis) P9CR write Selector A B S RXD0, RXD1 Direction control (on bit basis) Reset P9CR write Open-drain possible ODE<ODE1:0> P90 (TXD0) P93 (TXD1) P9 write P9 read Selector A B S Function control (on bit basis) P9FC write Selector B A S P-ch Programmable pull-up resistor S Output latch TXD0, TXD1 |