| Zakładka z wyszukiwarką danych komponentów |
|
TMP93CS40 Arkusz danych(PDF) 84 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 Arkusz danych(HTML) 84 Page - Toshiba Semiconductor |
|
84 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-82 (5) Port 96 (XT1), 97 (XT2) Ports 96 and 97 are general purpose I/O ports. They are also used as low-frequency oscillator connecting pins. Figure 3.5.25 Ports 96 and 97 Reset S Output latch P96 (XT1) P9 write P9 read S Direction control (on bit basis) P9CR write Selector A B S Bus 6 Bus 6 Bus 6 S Output latch P97 (XT2) P9 write P9 read S Direction control (on bit basis) P9CR write Selector A B S Bus 7 Bus 7 Bus 7 Output buffer (Open-drain output) Output buffer (Open-drain output) Low-frequency oscillation enable Low-frequency clock (fs) (ON at “1”) |