Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IPC962A Arkusz danych(PDF) 3 Page - Axiomtek Co., Ltd.

Numer części IPC962A
Szczegółowy opis  2-slot Industrial System with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3 or Celeron® Processor, Intel® H610E/Q670E, Front-access I/O, and 2 PCIe & PCI Slots
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC962A Arkusz danych(HTML) 3 Page - Axiomtek Co., Ltd.

  IPC962A Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC962A Datasheet HTML 2Page - Axiomtek Co., Ltd. IPC962A Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
* All specifications and photos are subject to change without notice.
© 2025 Axiomtek Co., Ltd. All rights reserved.
Power Protection
DC Version
OVP (over voltage protection)
OCP (over current protection)
Reverse Protection
Packing List
1 x IPC962A unit
1 x Screw pack
4 x Foot pad
1 x CPU grease
1 x 4-pin terminal block for DC power input
1 x 4-pin terminal block for Ignition
1 x Extension holder bracket kit
Dimensions
Optional Accessory
2.5" SATA HDD/SSD
DDR5 non-ECC SO-DIMM
E29R127110
Wall mount bracket kit
E29R127130
Internal fan module kit
E29R127131
External fan module kit (project-based support)
5946G962000E
Graphics card power cable ATX4P/BTX6 + 2P, L=200 mm
50906A24000E
AC to DC adapter 24V 230W Wire type
E29R127117
500W, 24V AC/DC power PSU with US power cord
E29R127116
750W, 24V AC/DC power PSU with US power cord
Ordering Information
Wall mount (op�onal)
170±2(W)
10.00
170±2(W)
3.09
183.60
4.50
4.50
Updated Feb. 24, 2025.



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com